Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AB47S-R1

  • AI
    Based on technical specifications for electronic components, the **AB47S-R1** typically refers to a high-performance **Bridge Rectifier** or a specific **Surface Mount (SMT) component** used in power management. Below is a detailed breakdown of its electronic characteristics and functions. --- ### 1. General Overview The AB47S-R1 is designed to convert Alternating Current (AC) to Direct Current (DC). It is commonly found in compact power supplies, chargers, and LED drivers where space is a constraint. ### 2. Technical Specifications Typical parameters for this class of component (Standard Silicon Bridge Rectifier) include: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Maximum Recurrent Peak Reverse Voltage** | 1000 | Volts (V) | | **Maximum RMS Voltage** | 700 | Volts (V) | | **Maximum DC Blocking Voltage** | 1000 | Volts (V) | | **Maximum Average Forward Rectified Current** | 1.0 - 2.0 | Amperes (A) | | **Peak Forward Surge Current** | 30 - 50 | Amperes (A) | | **Operating Temperature Range** | -55 to +150 | °C | ### 3. Key Features * **Surface Mount Design (SMD):** The "S" in the suffix often denotes a surface-mount package (like ABS or DFS), ideal for automated PCB assembly. * **Glass Passivated Junction:** This technology ensures high reliability and stability against moisture and environmental contaminants. * **Low Forward Voltage Drop:** This minimizes power loss and heat generation during operation. * **High Surge Capacity:** Capable of handling brief spikes in current without failing. ### 4. Pin Configuration Most components in this series feature a 4-pin layout: 1. **AC Input (~):** Connects to the incoming alternating current. 2. **AC Input (~):** Second terminal for the AC source. 3. **Positive Output (+):** Rectified DC positive terminal. 4. **Negative Output (-):** Rectified DC negative (ground) terminal. --- ### 5. Application Circuit Example In a standard power supply circuit, the AB47S-R1 acts as the primary rectification stage: ```text AC Main (110V/220V) --> Fuse --> [AB47S-R1 Rectifier] --> Filter Capacitor --> Voltage Regulator --> DC Load ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the AB47S-R1?
    • ⤷ How does the glass passivation improve the lifespan of this component?
    • ⤷ What is the maximum thermal resistance for this specific package?