Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ABC-2-12-R

  • AI
    ## Overview of ABC-2-12-R The **ABC-2-12-R** is a high-performance, fast-acting ceramic tube fuse manufactured by **Eaton (Bussmann Series)**. It is designed to provide overcurrent protection in electronic circuits where high interrupting ratings are required. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Product Category** | Cartridge Fuses | | **Current Rating** | 2 Amperes (A) | | **Voltage Rating (AC)** | 250 VAC | | **Voltage Rating (DC)** | 125 VDC | | **Fuse Speed** | Fast-Acting (F) | | **Body Material** | Ceramic | | **Termination Style** | Ferrule (Clip-in) | | **Dimensions** | 1/4" x 1-1/4" (6.35mm x 31.75mm) | --- ### 2. Detailed Electronic Characteristics * **Interrupting Rating:** One of the most critical aspects of the "ABC" series is its high interrupting capacity. Unlike glass fuses (AGC series), the ceramic body allows it to safely break higher fault currents without shattering. * *10,000A at 125 VAC* * *100A at 250 VAC* * **Fast-Acting Nature:** This fuse is designed to open almost instantly when an overload occurs. It is ideal for sensitive electronic components that cannot withstand brief surges. * **Ceramic Body Construction:** The ceramic material provides better thermal stability and physical strength compared to glass. It is often filled with a granular material (like sand) to quench the arc formed when the fuse blows. --- ### 3. Part Number Breakdown Understanding the nomenclature helps in identifying variants: | Segment | Meaning | | :--- | :--- | | **ABC** | Series Name (Ceramic, Fast-acting, 1/4" x 1-1/4") | | **2** | Amperage rating (2 Amps) | | **12-R** | Package/RoHS Compliance (The "R" indicates it is Lead-Free/RoHS compliant) | --- ### 4. Common Applications * **Industrial Equipment:** Used in control panels where high fault currents might be present. * **Power Supplies:** Protecting the input stage of AC/DC converters. * **Electronic Instruments:** Safeguarding precision measurement tools from internal short circuits. * **Appliances:** High-draw appliances that require a robust ceramic body for safety. --- ### 5. Selection Considerations * **Replacement Warning:** Never replace an ABC ceramic fuse with an AGC glass fuse of the same amperage unless the circuit's potential fault current is very low. Glass fuses may explode under high-fault conditions where ceramic fuses would fail safely. * **Mounting:** Designed to fit standard 1/4" fuse holders, blocks, or clips.
    ✨ Follow-up Questions
    • ⤷ What is the main difference between the ABC and AGC fuse series?
    • ⤷ Can this fuse be used in DC circuits higher than 125V?
    • ⤷ What are the recommended fuse holders for the ABC-2-12-R?