Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ABC-34-R

  • AI
    The **ABC-34-R** is typically a model designation used by several manufacturers in the electronics industry. Depending on the context, it most commonly refers to a **Power Inductor** (specifically from manufacturers like Bussmann/Eaton) or a specialized **D-Sub Connector**. Below is a technical breakdown of the electronic components and characteristics associated with this part number. --- ### 1. Technical Specifications (Power Inductor Context) In the realm of passive components, the ABC series represents high-frequency, high-current inductors. The "-R" suffix almost always denotes **RoHS Compliance**. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Fixed Inductor / Power Inductor | | **Material** | Ferrite Core (usually) | | **Mounting Type** | Through-hole or Surface Mount (model dependent) | | **Lead Finish** | Tin (Sn) - RoHS Compliant | | **Operating Temp** | -40°C to +125°C | ### 2. Core Electronic Characteristics If the part is a standard **ABC-series inductor**, its performance is defined by three main factors: * **Inductance Value:** Measured in Microhenries ($\mu H$). The "34" usually correlates to a specific inductance value or a physical sizing code in the manufacturer's catalog. * **Saturation Current ($I_{sat}$):** The point where the inductance drops by a specific percentage (usually 20-30%) due to magnetic saturation. * **DC Resistance (DCR):** The internal resistance of the copper winding. Lower DCR is preferred to minimize heat loss ($I^2R$ losses). --- ### 3. Alternative Context: D-Sub/Connector Part If the "ABC-34-R" is found in a mechanical or interconnect catalog (like **Cinch** or **TE Connectivity** styles), the breakdown is as follows: 1. **A / B / C Prefix:** Defines the shell size (e.g., Size B for a standard 25-pin D-sub). 2. **34:** Refers to the number of positions or a specific layout (often a high-density configuration). 3. **R:** Typically signifies **Reverse** gender, **Right-angle** mounting, or **Rear** release contacts. ### 4. Common Applications * **Power Supplies:** Used as a filter to smooth out ripples in DC-DC converters. * **EMI Filtering:** Suppressing high-frequency noise in signal lines. * **Industrial Controls:** Providing stable voltage regulation in harsh environments. --- ### 5. Identification Checklist To confirm your specific part, check the following physical attributes: * **Body Color:** Dark grey/black indicates a Ferrite Inductor. * **Pins:** If it has more than 10 pins, it is likely a Connector. * **Markings:** Look for a manufacturer logo (e.g., a "B" for Bussmann or a stylized "E" for Eaton).
    ✨ Follow-up Questions
    • ⤷ Which manufacturer produced your specific ABC-34-R part?
    • ⤷ Do you need the Pinout diagram or the Inductance rating?
    • ⤷ Are you looking for a direct replacement or an equivalent part?