Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ABC-5-R

  • AI
    The **ABC-5-R** is a specific model of a small-dimension cartridge fuse commonly used in industrial, commercial, and consumer electronics to protect circuits from overcurrent conditions. --- ## 1. Technical Specifications The "ABC" series is known for its **ceramic tube construction**, which allows for higher pressure and better interrupt ratings compared to glass fuses. | Feature | Specification | | :--- | :--- | | **Current Rating** | 5 Amperes | | **Voltage Rating (AC)** | 250 VAC | | **Voltage Rating (DC)** | 125 VDC | | **Fuse Speed** | Fast-Acting (F) | | **Body Material** | Ceramic | | **Dimensions** | 1/4" x 1-1/4" (6.35mm x 31.75mm) | | **Termination Style** | Cartridge (Ferrule) | --- ## 2. Part Number Breakdown Understanding the nomenclature helps in identifying the specific properties of the electronic part: * **ABC**: The Series name. Indicates a fast-acting ceramic tube fuse. * **5**: The Ampere rating (5A). * **-R**: Indicates **RoHS compliance** (Lead-free and environmentally compliant). --- ## 3. Key Electronic Characteristics ### Fast-Acting Performance Unlike "Time-Delay" or "Slow-Blow" fuses, the ABC-5-R is designed to open very quickly when it detects an overload or short circuit. This protects sensitive electronic components that cannot withstand overcurrent for even a fraction of a second. ### Ceramic vs. Glass While the physical size (3AG/1AG) is identical to common glass fuses (like the AGC series), the **Ceramic body** of the ABC-5-R provides: * **Higher Interrupting Rating:** It can safely break a circuit with much higher fault currents without the fuse body shattering. * **Arc Suppression:** The tube is often filled with granular material (like sand) to extinguish the internal arc quickly. --- ## 4. Typical Applications * **Power Supplies:** Protecting the input stage of AC/DC converters. * **Industrial Control Panels:** Used in PLCs and control circuits. * **Instruments:** Protection for multimeters and laboratory equipment. * **Appliances:** High-draw appliances where a glass fuse might be prone to bursting under high-fault conditions.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an ABC and an AGC fuse?
    • ⤷ Can I replace a slow-blow fuse with an ABC-5-R?
    • ⤷ What is the interrupt rating (AIC) of the ABC-5-R at 250VAC?