Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ABGW101-R

  • AI
    The **ABGW101-R** is a specific model within a series of industrial control switches, typically manufactured by **IDEC**. It belongs to the **TW series** of 22mm pilot devices. Below is a breakdown of its electronic and mechanical parts, specifications, and construction. --- ### 1. General Specifications The ABGW101-R is a **Momentary Pushbutton Switch** designed for industrial panels. | Feature | Specification | | :--- | :--- | | **Series** | TW Series (Heavy Duty) | | **Mounting Hole** | 22mm | | **Button Shape** | Mushroom Head (40mm diameter) | | **Action** | Momentary (Spring Return) | | **Color** | Red (R) | | **Contact Configuration** | 1NC (Normally Closed) | --- ### 2. Key Electronic & Mechanical Parts The device is modular, consisting of three primary sections: #### A. The Operator (Actuator) * **Mushroom Head:** A large, 40mm red plastic cap designed for easy hitting or palm operation. * **Bezel:** Usually made of chrome-plated zinc or high-impact plastic (depending on the specific sub-variant) to secure the device to the panel. * **Spring Mechanism:** A heavy-duty internal spring that ensures the button returns to its original position immediately after being released. #### B. The Contact Block (The Electronic Core) The "101" in the part number signifies the contact arrangement. * **Contacts:** This model typically features **1NC (Normally Closed)** contacts. * **Rating:** These contacts are designed for industrial AC/DC loads. * *AC-15 (Control of AC electromagnetic loads):* Typically 120V/6A or 240V/3A. * *DC-13 (Control of DC electromagnets):* Typically 125V/1.1A. * **Terminal Screws:** Includes M3.5 terminal screws with captive wire clamps for secure electrical connection. #### C. Mounting & Sealing * **Locking Ring:** A threaded nut that secures the unit from the back of the panel. * **Gasket:** An oil-tight/watertight rubber gasket that ensures an **IP65** or **NEMA 4/4X/13** rating when properly installed. --- ### 3. Application Use Cases Because of the **Normally Closed (1NC)** configuration and the **Red Mushroom** head, this part is most commonly used for: * **Stop Commands:** To break a circuit and stop a machine process. * **Safety Interlocks:** Used in control circuits where the default state must be "closed" to allow operation. * **Manual Alerts:** Initiating a signal when the button is depressed. --- ### 4. Technical Drawing Representation ```text [ Mushroom Head ] <-- User Interface | [ Metal Bezel ] <-- Panel Mount Point | [ Spring/Stem ] <-- Mechanical Transfer | [ Contact Block ] <-- Electrical Terminals (1NC) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between ABGW101-R and ABGW110-R?
    • ⤷ Can the contact blocks be stacked or replaced on this model?
    • ⤷ What is the maximum voltage rating for the TW series contact blocks?