Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ABM2-BA6A1-R

  • AI
    The **ABM2-BA6A1-R** is a specific surface-mount (SMD) Quartz Crystal unit manufactured by **Abracon**. This component is primarily used to provide a precise frequency reference for microprocessors, clocks, and communication circuits. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its electronic characteristics: | Feature | Specification | | :--- | :--- | | **Component Type** | Quartz Crystal (Resonator) | | **Frequency** | Typically 8.000 MHz (Commonly used in BA series) | | **Package Size** | 8.0 x 4.5 x 1.4 mm (SMD) | | **Load Capacitance** | 18 pF (Standard for "A1" designation) | | **Frequency Tolerance** | ±30 ppm | | **Operating Temperature** | -40°C to +85°C | | **Mounting Type** | Surface Mount (4-Pad) | | **RoHS Status** | Compliant (Lead-Free) | --- ### 2. Key Electronic Functions * **Oscillation:** When paired with an external oscillator circuit (typically integrated within a microcontroller), it converts mechanical vibrations into a stable electrical signal. * **Timing Reference:** It serves as the "heartbeat" for digital systems, ensuring that data processing and communication occur at the correct intervals. * **Stability:** Unlike RC (Resistor-Capacitor) oscillators, this quartz crystal provides high precision and low drift over time and temperature. --- ### 3. Physical Construction The ABM2 series features a **seam-sealed** ceramic package. This construction is vital for: 1. **Hermetic Protection:** Protecting the quartz blank from moisture and atmospheric contaminants. 2. **Durability:** Offering high resistance to mechanical shock and vibration. 3. **EMI Shielding:** The metal lid is often grounded to reduce electromagnetic interference. --- ### 4. Common Applications Due to its robust 8x4.5mm footprint and stable performance, it is frequently found in: * **Industrial Control:** PLCs and automation sensors. * **Computer Peripherals:** Modems, routers, and storage devices. * **Consumer Electronics:** White goods and home appliances. ---
    ✨ Follow-up Questions
    • ⤷What are the differences between the ABM2 and the smaller ABM3 series?
    • ⤷ How do I calculate the load capacitors needed for this crystal?
    • ⤷ What does the '-R' suffix signify in Abracon part numbers?