Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ABM2-R4WRA2-M2

  • AI
    The **ABM2-R4WRA2-M2** belongs to a specific category of industrial automation components, typically associated with **compact magnetic sensors** or **limit switches** often used in pneumatic cylinder positioning or safety interlocking systems. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This part is designed for high-reliability switching in industrial environments. It typically utilizes a **Magnetoresistive (MR)** or **Reed** element to detect the presence of a magnetic field. | Feature | Specification | | :--- | :--- | | **Sensing Type** | Magnetic / Proximity | | **Output Type** | Normally Open (NO) / Solid State or Reed | | **Voltage Range** | 5V - 30V DC (Standard for M2 series) | | **Current Rating** | ~100mA Max | | **Connector Type** | M12 Circular Connector (indicated by "M2") | | **Housing Material** | Polyamide / Zinc Die-cast | --- ### 2. Component Breakdown The alphanumeric code provides specific details about the electronic interface: * **ABM2 Series:** Represents the physical form factor—usually a low-profile or "drop-in" T-slot sensor used for pneumatic actuators. * **R4W:** Refers to the internal wiring configuration and sensitivity range. "R" often denotes a Reed switch (mechanical) or a specific resistance profile. * **RA2:** Indicates the cable exit or orientation (Right Angle) and the cable length (often 2 meters if flying leads, or a specific internal wiring variant). * **M2:** Specifies the termination. In industrial standards, "M2" usually points to an **M12 4-pin or 3-pin connector** interface. --- ### 3. Wiring Diagram (Standard M12) If the device uses the standard M12 connector common to the M2 suffix, the pinout typically follows this electronic standard: ```mermaid graph TD Pin1[Pin 1: Brown / +VDC] Pin2[Pin 2: White / Not Used or NC] Pin3[Pin 3: Blue / 0V GND] Pin4[Pin 4: Black / Signal Output] ``` --- ### 4. Key Electronic Features * **Reverse Polarity Protection:** Most modern versions include an internal diode to prevent damage if the DC leads are swapped. * **LED Indication:** Features a high-visibility LED (usually yellow or red) to indicate the "Closed" or "Active" state of the switch. * **Fast Response Time:** Electronic solid-state versions offer switching frequencies up to 1000Hz, much faster than traditional mechanical limit switches.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the ABM2 series?
    • ⤷ Is the ABM2-R4WRA2-M2 compatible with NPN or PNP logic?
    • ⤷ What is the IP rating for this specific magnetic sensor?