AI

The **ABM2-R6AA2-R/Q** is a specific surface-mount (SMD) Quartz Crystal unit designed for frequency control and timing applications. Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. Component Overview
The ABM2 series consists of low-profile, ceramic-packaged crystals. The specific suffix `R6AA2-R/Q` denotes a variation typically intended for automotive or high-reliability applications, often meeting **AEC-Q200** standards.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Quartz Crystal (Passive Resonator) |
| **Package Size** | 8.0 x 4.5 x 1.4 mm (Ceramic SMD) |
| **Fundamental Frequency** | Typically 8.000 MHz (Varies by specific dash code) |
| **Load Capacitance** | 18pF (Standard for this series) |
| **Frequency Tolerance** | ±30 ppm |
| **Operating Temp Range** | -40°C to +85°C (Industrial/Automotive Grade) |
---
## 2. Key Electrical Characteristics
These parts are designed for stability and low Equivalent Series Resistance (ESR), which ensures the oscillator circuit starts reliably.
### A. Equivalent Series Resistance (ESR)
For the ABM2 series at standard frequencies (e.g., 8MHz to 10MHz), the ESR is generally low:
* **8.0 MHz – 9.9 MHz:** < 80 Ω
* **10.0 MHz – 15.9 MHz:** < 60 Ω
* **16.0 MHz – 50.0 MHz:** < 50 Ω
### B. Drive Level
* **Standard:** 10µW
* **Maximum:** 100µW
* *Note: Exceeding the maximum drive level can cause frequency aging or physical damage to the crystal blank.*
### C. Shunt Capacitance ($C_0$)
* **Maximum:** 7.0 pF
---
## 3. Physical Layout and Pinout
The ABM2 package features 4 pads, but it is a 2-terminal resonator. The internal wiring typically connects the crystal to two pads while the others may be grounded to the metal lid for EMI reduction.
| Pad # | Function |
| :--- | :--- |
| **Pad 1** | Crystal Terminal / Input |
| **Pad 2** | GND (Metal Lid Connection) |
| **Pad 3** | Crystal Terminal / Output |
| **Pad 4** | GND (Metal Lid Connection) |
---
## 4. Part Number Breakdown (Suffix Logic)
* **ABM2:** Series identifier (8.0x4.5mm).
* **R6:** Specific frequency or stability code (Internal manufacturer code).
* **AA:** Tolerance and Stability identifiers (often ±30ppm / ±30ppm).
* **-R:** RoHS Compliant / Tape & Reel packaging.
* **-Q:** Denotes **AEC-Q200** qualification (Automotive grade), meaning the part has undergone rigorous stress testing for vibration, thermal shock, and moisture resistance.
---
## 5. Typical Applications
1. **Automotive Systems:** Infotainment, ADAS, and Body Control Modules (BCM).
2. **Industrial Control:** Microprocessor clocks for PLCs and sensors.
3. **Communication:** Basic timing for Ethernet or USB controllers.
4. **Consumer Electronics:** High-durability appliances.
- ⤷
What is the significance of the AEC-Q200 qualification for this crystal?
- ⤷ How does the load capacitance affect the frequency accuracy of the ABM2?
- ⤷ What are the soldering profile requirements for this SMD ceramic package?