Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ABM2-R6RA1-R

  • AI
    The **ABM2-R6RA1-R** is a specific model within a series of mechanical switches, typically categorized as a **Limit Switch** or **Micro Switch**. These components are electromechanical devices used to detect the presence, position, or end-of-travel of an object. --- ### 1. Key Technical Specifications The part number follows a specific nomenclature that defines its electrical and physical properties: | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Limit Switch | Industrial grade position sensor | | **Actuator Type** | Roller Lever | Features a wheel to reduce friction against moving parts | | **Contact Configuration** | SPDT or DPDT | Typically 1NO + 1NC (Normally Open + Normally Closed) | | **Housing Material** | Zinc Alloy/Plastic | Rugged construction for industrial environments | | **Connection Type** | Screw Terminals | Standard M20 or PG13.5 cable entry | | **Environmental Rating** | IP65/IP67 | Dust-tight and protected against water immersion | --- ### 2. Electronic Operating Principles The ABM2-R6RA1-R functions through a mechanical-to-electrical conversion: * **Mechanical Input:** A physical object hits the **Roller Lever**. * **Snap Action:** The internal spring mechanism "snaps" the contacts from one position to another once a specific operating force is reached. * **Electrical Output:** * The **Normally Closed (NC)** circuit opens (breaks). * The **Normally Open (NO)** circuit closes (completes). * **Differential Travel:** The distance between the "Trip Point" and the "Reset Point," ensuring the switch does not flutter due to vibration. --- ### 3. Pinout and Internal Circuitry The internal wiring usually follows standard industrial numbering for limit switches: ```mermaid graph LR A[Terminal 11/12] -- NC --- B(NC Circuit) C[Terminal 13/14] -- NO --- D(NO Circuit) ``` 1. **Terminals 11 & 12:** These are the NC contacts. Use these for "Safety Stops" or "Emergency Stops." 2. **Terminals 13 & 14:** These are the NO contacts. Use these to trigger a PLC input or turn on an indicator light when the lever is pressed. --- ### 4. Typical Applications * **Conveyor Systems:** Counting items as they pass or detecting jams. * **Machine Tools:** Determining the "Home" position of a CNC axis. * **Safety Interlocks:** Ensuring a protective door is closed before a machine starts. * **Elevators:** Leveling control and floor detection.
    ✨ Follow-up Questions
    • ⤷What is the maximum voltage and current rating for the ABM2 series?
    • ⤷ How does the 'Roller Lever' compare to a 'Plunger' actuator in terms of durability?
    • ⤷ Which IP rating does this specific model provide for outdoor use?