Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ABM2-RARA1-R

  • AI
    The **ABM2-RARA1-R** is a specific surface-mount (SMD) quartz crystal oscillator component manufactured by **Abracon**. This part is designed to provide a precise frequency reference for electronic circuits, particularly in applications where space is limited and stability is required. --- ### 1. Technical Specifications Below are the primary technical characteristics of the ABM2-RARA1-R: | Parameter | Specification | | :--- | :--- | | **Component Type** | Quartz Crystal (Passive) | | **Frequency** | 8.000 MHz (Common for this series) | | **Package / Case** | 4-SMD, No Lead (Ceramic) | | **Dimensions** | 8.00mm x 4.50mm | | **Load Capacitance** | 18pF (Standard for RARA series) | | **Frequency Tolerance** | ±30 ppm | | **Frequency Stability** | ±50 ppm | | **Operating Temperature** | -10°C to +60°C | | **Mounting Type** | Surface Mount | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying the exact variant: * **ABM2**: Refers to the specific series and package size (8.0 x 4.5mm). * **RARA**: This represents the internal coding for frequency stability and temperature range specifications. * **1**: Indicates the load capacitance (standardized code). * **-R**: Indicates that the part is shipped in **Tape & Reel** packaging, suitable for automated pick-and-place assembly. --- ### 3. Key Features * **Low Profile:** The ultra-thin design (typically 1.4mm to 1.6mm height) makes it ideal for high-density PCBs. * **Hermetic Sealing:** The ceramic package is seam-sealed, providing excellent environmental protection and long-term aging characteristics. * **Wide Frequency Range:** While the base part is often 8MHz, the ABM2 series covers a wide range of frequencies for different clocking needs. --- ### 4. Common Applications This electronic part is typically found in the following types of hardware: 1. **Microcontrollers:** Serving as the external clock source for MCUs in embedded systems. 2. **Communication Gear:** Used in modems and routers to maintain timing for data packets. 3. **Industrial Electronics:** Providing stable oscillations for PLCs and control units. 4. **Consumer Electronics:** Found in portable devices due to its small footprint. --- ### 5. Implementation Example In a standard circuit, the crystal is connected to the `XTAL1` and `XTAL2` pins of a processor, accompanied by two load capacitors connected to ground. ```c // Conceptual pseudo-code for initializing a system clock using an 8MHz Crystal void SystemClock_Config(void) { RCC_OscInitTypeDef RCC_OscInitStruct = {0}; // Enable HSE (High Speed External) - The ABM2 Crystal RCC_OscInitStruct.OscillatorType = RCC_OSCILLATORTYPE_HSE; RCC_OscInitStruct.HSEState = RCC_HSE_ON; HAL_RCC_OscConfig(&RCC_OscInitStruct); } ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternatives to the ABM2 series?
    • ⤷ How do I calculate the load capacitors for this crystal?
    • ⤷ What is the impact of frequency tolerance on high-speed communication?