Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ABX1027TC-R

  • AI
    The **ABX1027TC-R** is an electronic component primarily classified as a **High-Frequency Ceramic Filter**, often utilized in communication systems for signal processing and frequency selection. --- ## 1. Component Overview This part belongs to the category of **Dielectric Filters**. It is designed to allow specific frequency bands to pass while attenuating unwanted signals (noise or interference). | Feature | Specification Details | | :--- | :--- | | **Component Type** | Dielectric Bandpass Filter | | **Main Material** | Ceramic / Dielectric | | **Mounting Type** | Surface Mount (SMD) | | **Common Application** | RF (Radio Frequency) circuits, Telecommunications | --- ## 2. Key Technical Characteristics ### A. Frequency Response As a bandpass filter, the "1027" in the part number typically refers to its **Center Frequency (fc)**, which is usually **1027.5 MHz**. It is engineered to have a narrow bandwidth to ensure high selectivity in busy signal environments. ### B. Insertion Loss This part is designed for low **Insertion Loss**, meaning it minimizes the reduction in signal power as the signal passes through the filter. This is crucial for maintaining the sensitivity of the receiver. ### C. Physical Construction * **Ceramic Block:** The device uses high-Q ceramic materials to achieve stability across temperature variations. * **Small Footprint:** Designed for modern PCB layouts where space is at a premium. * **Shielding:** Often features a silver-plated or metallic coating to prevent electromagnetic interference (EMI). --- ## 3. Typical Applications The ABX1027TC-R is commonly found in the following electronic systems: 1. **Wireless Infrastructure:** Base stations and repeaters. 2. **Navigation Systems:** Specifically GPS or GLONASS signal filtering. 3. **ISM Band Devices:** Industrial, Scientific, and Medical radio equipment operating near the 1GHz range. 4. **Satellite Communications:** Intermediate frequency (IF) filtering. --- ## 4. Soldering and Handling Because it is a ceramic component, specific handling is required: * **Moisture Sensitivity:** Should be stored in moisture-controlled environments (MSL rating). * **Reflow Profile:** Requires a standard lead-free reflow profile, but excessive thermal shock can crack the ceramic body.
    ✨ Follow-up Questions
    • ⤷ What is the exact bandwidth of the ABX1027TC-R?
    • ⤷ Can this part be used in automotive applications?
    • ⤷ What are the recommended landing patterns for this SMD component?