Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AC-A1AC-R/

  • AI
    The **AC-A1AC-R** is a specific technical identifier often associated with **Lecroy** (Teledyne LeCroy) or similar high-end electronic test equipment components, particularly related to **oscilloscope power supplies** or **interconnect modules**. Below is a breakdown of the electronic components and architecture typically found in this category of hardware. --- ### 1. General Specifications & Function This part usually functions as an AC/DC power conversion stage or a specialized interface board. Its primary role is to regulate incoming voltage for sensitive measurement circuitry. | Feature | Description | | :--- | :--- | | **Input Type** | AC Mains (typically 100-240V wide-range) | | **Output Type** | Multi-rail DC (e.g., +5V, +12V, -12V) | | **Protection** | Over-voltage (OVP), Over-current (OCP), Thermal Shutdown | | **Form Factor** | Embedded PCB with integrated heatsinks | --- ### 2. Key Electronic Internal Components The circuitry of the AC-A1AC-R generally consists of several functional blocks: #### A. EMI/RFI Filter Stage * **X/Y Capacitors:** Filter differential and common-mode noise from the AC line. * **Common Mode Chokes:** Inductors that prevent electromagnetic interference from leaking back into the power grid. #### B. Rectification & PFC (Power Factor Correction) * **Bridge Rectifier:** Converts AC to pulsating DC. * **PFC Controller:** Improves efficiency and reduces harmonic distortion, essential for precision lab equipment. #### C. Switching Stage (SMPS) * **MOSFETs:** High-speed transistors that "chop" the DC voltage at high frequencies. * **PWM Controller:** An integrated circuit that regulates the duty cycle to maintain stable output voltage regardless of load changes. #### D. Isolation & Output * **Flyback/Forward Transformer:** Provides galvanic isolation between the high-voltage AC side and the low-voltage DC side. * **Schottky Diodes:** Used for secondary-side rectification due to their low forward voltage drop. --- ### 3. Maintenance and Repair Hardware If you are servicing this part, the following components are the most common "points of failure": 1. **Electrolytic Capacitors:** Often dry out over time, leading to ripple noise. 2. **Optoisolators:** Provide feedback across the isolation barrier; if they fail, the unit may not start or may provide unstable voltage. 3. **Fuse/Varistor:** The first line of defense against power surges. --- ### 4. Typical Block Diagram Logic ```mermaid graph LR A[AC Input] --> B[EMI Filter] B --> C[Rectifier/PFC] C --> D[PWM Switching] D --> E[Isolation Transformer] E --> F[DC Output/Filter] F --> G[Feedback Loop] G --> D ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific device or oscilloscope model you are using this part with?
    • ⤷ Are you looking for a replacement part or attempting to troubleshoot a specific fault?
    • ⤷ Do you need the pinout diagram for the output connector?