Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AC101L-DS02-R

  • AI
    ## Overview of AC101L-DS02-R The **AC101L-DS02-R** is a high-performance, low-power **Audio Codec** chip, typically manufactured by **Allwinner Technology**. It is widely used in tablet PCs, smart speakers, and OTT boxes to handle the conversion between analog audio signals and digital data. --- ### Core Specifications | Feature | Specification | | :--- | :--- | | **Interface** | I2S / PCM / TDM | | **Resolution** | 24-bit ADC and DAC | | **Sampling Rate** | 8kHz to 192kHz | | **Input Channels** | 2-channel differential/single-ended inputs | | **Output Channels** | Stereo headphone and Line-out | | **Control Interface** | I2C (Two-wire serial interface) | | **Power Supply** | 3.3V (IO/Analog), 1.8V (Digital core) | --- ### Key Internal Components 1. **Analog-to-Digital Converter (ADC):** * Converts analog signals from microphones into digital streams. * Features a high Signal-to-Noise Ratio (SNR) for clear voice recording. 2. **Digital-to-Analog Converter (DAC):** * Converts digital audio back into high-fidelity analog signals for speakers or headphones. 3. **Digital Audio Interface (DAI):** * Supports multiple formats like **I2S** (Inter-IC Sound), **Left-Justified**, and **TDM** (Time Division Multiplexing) for multi-channel communication with the main CPU. 4. **Integrated Amplifiers:** * Includes a dedicated headphone driver and microphone pre-amplifier (PGA) to minimize the need for external components. 5. **Power Management:** * Designed for ultra-low power consumption in "Sleep" or "Standby" modes, extending battery life in portable devices. --- ### Typical Application Circuit When designing with the AC101L-DS02-R, the following connections are standard: ```mermaid graph LR CPU(Main Processor/SoC) -- I2S/I2C --> AC101L(AC101L-DS02-R) AC101L -- Analog Out --> HP(Headphones) MIC(Microphone) -- Analog In --> AC101L ``` --- ### Pin Configuration Categories * **Audio I/O:** `LINEL/R`, `MICIN`, `HPOUTL/R`. * **Digital Bus:** `BCLK` (Bit Clock), `LRCK` (Word Clock), `SDOUT` (Data Out), `SDIN` (Data In). * **Control:** `SDA`, `SCL` (I2C communication). * **Power:** `AVDD` (Analog Power), `DVDD` (Digital Power), `CPVDD` (Charge Pump Power).
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption ratings for the AC101L in standby mode?
    • ⤷ Which Allwinner SoCs are most compatible with the AC101L-DS02-R?
    • ⤷ Can this codec support active noise cancellation (ANC) processing?