Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AC26F-R1

  • AI
    The **AC26F-R1** typically refers to a high-performance **AC-DC power supply module** or an **Industrial Power PCBA** often used in telecommunications, industrial automation, or specific consumer electronics (like smart home hubs or networking equipment). Below is a breakdown of the electronic components and technical specifications associated with this type of module. --- ## 1. Technical Specifications The AC26F series is generally characterized by its compact form factor and efficiency. | Parameter | Typical Value | | :--- | :--- | | **Input Voltage** | 90V – 264V AC (Universal) | | **Output Voltage** | 5V, 12V, or 24V DC (Depending on sub-variant) | | **Power Rating** | 20W – 30W | | **Efficiency** | >85% | | **Protection** | Short Circuit, Over-voltage, Over-current | | **Form Factor** | Open Frame or Encapsulated PCB | --- ## 2. Key Electronic Components The internal architecture of the AC26F-R1 consists of several functional blocks: ### A. Input Stage (EMI/EMC Filter) * **Bridge Rectifier:** Converts AC input into pulsating DC. * **X/Y Capacitors:** Filters out high-frequency noise and electromagnetic interference. * **MOV (Metal Oxide Varistor):** Protects the circuit from high-voltage surges or lightning strikes. ### B. Switching Stage (PWM Control) * **Power MOSFET:** The "muscle" of the circuit that switches the DC current at high frequencies (usually 60kHz to 100kHz). * **PWM IC:** The "brain" that regulates the switching frequency to ensure a stable output voltage regardless of input fluctuations. ### C. Isolation & Transformation * **High-Frequency Transformer:** Provides galvanic isolation between the dangerous high-voltage AC side and the safe low-voltage DC side. It steps down the voltage. * **Optocoupler:** A feedback component that uses light to send information from the output back to the controller without a physical electrical connection. ### D. Output Stage (Rectification & Filtering) * **Schottky Diodes:** Used for fast rectification of the high-frequency AC coming off the transformer. * **Low ESR Electrolytic Capacitors:** Smooths the output ripple to provide clean DC power. --- ## 3. Common Applications Due to its reliability and compact size, the AC26F-R1 is commonly found in: 1. **Network Routers/Switches:** Providing stable power to internal logic boards. 2. **IoT Gateways:** Supporting 24/7 operation with low standby power consumption. 3. **LED Controllers:** Driving smart lighting systems. 4. **Security Systems:** Powering IP cameras or alarm panels. --- ## 4. Troubleshooting & Maintenance If the module fails, focus on these three areas: * **The Fuse:** Check if the input fuse is blown (indicates a short in the bridge rectifier or MOSFET). * **Capacitor Health:** Look for "bulging" tops on electrolytic capacitors, which is a common cause of ripple noise or failure to boot. * **Solder Joints:** Check for "cold joints" around the heavy transformer pins due to thermal stress.
    ✨ Follow-up Questions
    • ⤷ What is the specific output voltage and current rating for the R1 variant?
    • ⤷ Does the AC26F-R1 require external heat sinking for full load operation?
    • ⤷ What are the mounting dimensions for this PCB module?