Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AC4842R-R15K

  • AI
    The **AC4842R-R15K** is a precision electronic component, specifically a **Wirewound Surface Mount Inductor (Resistor-style body)**. It is designed for use in power supply circuits, filtering, and decoupling applications where stability and high current handling are required. --- ### 1. Technical Specifications Below are the typical characteristics associated with this part number (based on standard naming conventions for the AC4842 series): | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.15 µH (indicated by "R15") | | **Tolerance** | ±10% (indicated by "K") | | **Core Material** | Ferrite or Ceramic (model dependent) | | **Mounting Type** | Surface Mount (SMD) | | **Package / Case** | 4842 (Imperial) / 1210 (Metric equivalent) | --- ### 2. Breakdown of the Part Number To understand the electronic properties, we can decode the nomenclature: * **AC:** Usually refers to the Series (Automotive grade or Air Core depending on the manufacturer). * **4842:** Represents the physical dimensions of the component (e.g., length and width in mils). * **R:** Denotes the decimal point for inductance values in microhenries (µH). * **R15:** Translates to **0.15 µH**. * **K:** Tolerance code, where K = **±10%**. --- ### 3. Key Electronic Features * **High Q Factor:** Designed to provide low loss at high frequencies. * **Self-Resonant Frequency (SRF):** Due to the low inductance (0.15 µH), this part typically has a very high SRF, making it suitable for high-speed switching or RF filtering. * **High Current Capability:** The wirewound construction allows for a lower DC Resistance (DCR) compared to multilayer inductors, enabling it to carry higher currents without overheating. * **Thermal Stability:** These parts are often rated for wide temperature ranges (e.g., -40°C to +125°C). --- ### 4. Typical Applications 1. **DC-DC Converters:** Used as an output filter inductor for voltage regulation. 2. **EMI/RFI Suppression:** Filtering high-frequency noise in communication equipment. 3. **Decoupling:** Preventing noise from reaching sensitive integrated circuits. 4. **Automotive Electronics:** If the "AC" prefix denotes AEC-Q200 qualification, it is used in engine control units or infotainment systems.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms) for the AC4842R-R15K?
    • ⤷ How does a wirewound inductor differ from a multilayer inductor in performance?
    • ⤷ What are the physical dimensions of a 4842 package in millimeters?