Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ACE24AC32DOMTH

  • AI
    The **ACE24AC32DOMTH** is a specific type of Non-Volatile Memory (NVM) integrated circuit. Based on its nomenclature, it belongs to the **EEPROM** (Electrically Erasable Programmable Read-Only Memory) family, commonly used for storing configuration data, calibration constants, or user settings that must be retained when power is lost. --- ### 1. Technical Specifications The following table outlines the core technical characteristics of the device: | Feature | Specification | | :--- | :--- | | **Memory Size** | 32 Kbit (4,096 x 8-bit) | | **Interface** | I²C (Inter-Integrated Circuit) Serial | | **Operating Voltage** | Typically 1.8V to 5.5V | | **Clock Frequency** | 400 kHz (Fast Mode) or 1 MHz | | **Endurance** | ~1,000,000 Write Cycles | | **Data Retention** | > 100 Years | | **Package Type** | TSSOP-8 or MSOP-8 (indicated by 'MTH' suffix) | --- ### 2. Pin Configuration The device typically utilizes an 8-pin layout. Below is the standard pinout for an I²C EEPROM in this series: 1. **A0, A1, A2**: Device Address Inputs (allows multiple chips on the same bus). 2. **VSS**: Ground. 3. **SDA**: Serial Data (Bi-directional). 4. **SCL**: Serial Clock Input. 5. **WP**: Write Protect (Hardware protection against accidental writes). 6. **VCC**: Power Supply. --- ### 3. Key Electronic Features * **I²C Protocol:** It uses a two-wire interface (SDA/SCL), which minimizes the number of pins required on the microcontroller (MCU). * **Page Write Buffer:** It usually supports a 32-byte page write mode, allowing faster data updates compared to single-byte writing. * **Low Power Consumption:** Designed for battery-operated devices, with very low standby current (often < 1µA). * **Schmitt Triggers:** Inputs are filtered to suppress noise on the bus lines, ensuring stable data transmission. --- ### 4. Part Number Breakdown (Nomenclature) The suffix **DOMTH** provides specific details about the manufacturing and packaging: * **ACE24AC32**: The base series (32Kb I²C EEPROM). * **DO**: Often refers to the internal die revision or specific operational temperature range (Industrial -40°C to +85°C). * **MTH**: Denotes the package style (likely Micro Small Outline Package) and "Tape and Reel" shipping format. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pull-up resistor requirements for the SDA and SCL lines?
    • ⤷ How does the Write Protect (WP) pin function electronically?
    • ⤷ Can this EEPROM be used with a 3.3V Arduino or ESP32?