Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ACE72

  • AI
    The **ACE721** (often referred to as the ACE721 series) is a popular, low-power, high-precision **Voltage Detector IC** (Integrated Circuit), commonly used for battery monitoring and system resets. --- ### 1. Key Technical Specifications The ACE721 is designed to monitor a power supply and trigger a signal when the voltage falls below a specific threshold. | Parameter | Typical Value | | :--- | :--- | | **Operating Voltage Range** | 0.7V to 10V | | **Detection Voltage Range** | 0.8V to 6.0V (in 0.1V increments) | | **Detection Accuracy** | ±1% to ±2% | | **Low Current Consumption** | ~0.7µA to 1.0µA (Typical) | | **Output Type** | CMOS or Open Drain (N-Channel) | | **Package Types** | SOT-23, SOT-89, TO-92 | --- ### 2. Internal Components & Pinout The internal architecture consists of four main electronic blocks: 1. **Reference Voltage Source:** Provides a stable comparison point. 2. **Voltage Comparator:** Compares the input voltage against the reference. 3. **Resistor Divider Network:** Determines the specific detection threshold. 4. **Output Driver:** Controls the state of the output pin (Vout). #### Common Pin Configuration (SOT-23) 1. **Vout:** The reset output signal. 2. **Vdd:** The power supply input/monitored voltage. 3. **Vss:** Ground. --- ### 3. Functional Description The ACE721 operates based on a specific logic cycle to protect sensitive electronics: * **Normal State:** When the input voltage ($V_{in}$) is higher than the set threshold ($V_{det}$), the output remains High. * **Detection State:** When $V_{in}$ drops below $V_{det}$, the output switches to Low. This acts as a "Reset" signal for microcontrollers. * **Release State:** Once the voltage rises above the threshold plus a small "hysteresis" voltage, the output returns to High. --- ### 4. Applications The ACE721 is found in devices where power stability is critical: * **Microprocessor Reset:** Preventing code execution errors during brownouts. * **Battery Life Monitoring:** Triggering "Low Battery" LED indicators. * **Memory Backup:** Switching to backup power when the primary source fails. * **Power Failure Detection:** Safeguarding data in industrial systems. --- ### 5. Circuit Example Below is a simple representation of how the ACE721 is integrated into a system: ```c Vdd (Battery/Power) | +-------[ ACE721 ]------- Vout (To MCU Reset Pin) | | [C1] GND | GND ``` *(Note: A decoupling capacitor [C1] is usually placed near Vdd to filter noise.)*
    ✨ Follow-up Questions
    • ⤷ What is the difference between the CMOS and Open Drain output versions of the ACE721?
    • ⤷ How do I calculate the required hysteresis for a specific application?
    • ⤷ Can the ACE721 be used to monitor voltages higher than 10V with a voltage divider?