Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ACE7331M

  • AI
    ## Technical Overview: ACE7331M The **ACE7331M** is a high-performance, low-dropout (LDO) linear voltage regulator specifically designed for applications requiring high stability and low noise. It is commonly used in battery-powered devices and communication equipment where precision voltage control is critical. --- ### 1. Key Technical Specifications | Parameter | Specification | |:---|:---| | **Input Voltage Range** | Up to 6.0V - 7.0V (Typical) | | **Output Voltage Accuracy** | ±2% | | **Dropout Voltage** | Low (typically < 300mV at full load) | | **Quiescent Current** | Low (around 60μA - 100μA) | | **Output Current** | Typically 300mA to 500mA (model dependent) | | **Package Type** | SOT-23, SOT-89, or SOT-223 | --- ### 2. Functional Electronic Components The internal architecture of the ACE7331M consists of several critical electronic sub-circuits that ensure its performance: * **Reference Voltage Source:** An internal bandgap reference circuit that provides a stable, temperature-compensated voltage. * **Error Amplifier:** Compares the feedback voltage from the output against the internal reference to maintain a constant output level. * **Pass Transistor:** Usually a P-channel MOSFET that regulates the current flow from input to output based on the error amplifier's signal. * **Protection Circuits:** * **Current Limit:** Prevents the device from burning out during a short circuit. * **Thermal Shutdown:** Automatically turns off the chip if the junction temperature exceeds safe limits (usually around 150°C). --- ### 3. Application Circuit Example To function correctly, the ACE7331M requires external capacitors for stability and noise filtering. ```markdown Input Voltage (Vin) ----[ Cin (1uF) ]----| ACE7331M |----[ Cout (1uF) ]---- Output Voltage (Vout) | GND | ------------- ``` #### Capacitor Selection: * **Input Capacitor ($C_{IN}$):** Usually a 1μF ceramic capacitor to minimize input noise. * **Output Capacitor ($C_{OUT}$):** A 1μF to 10μF capacitor is required for loop stability. Low ESR (Equivalent Series Resistance) ceramic capacitors are recommended. --- ### 4. Typical Use Cases 1. **Mobile Phones:** Regulating power for RF modules and baseband processors. 2. **Portable Electronics:** MP3 players, cameras, and handheld gaming consoles. 3. **Battery-Powered Systems:** Due to its low quiescent current, it extends battery life in "sleep" or "standby" modes. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum power dissipation for the SOT-23 version of the ACE7331M?
    • ⤷ How does the dropout voltage change with higher load currents?
    • ⤷ Can the ACE7331M handle input voltages higher than 7V?