Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ACK-R

  • AI
    The **ACK-R** (often associated with industrial automation components, specifically **Red Lion Controls'** accessories or specific **Active Carbon** monitoring kits in other industries) generally refers to an **Interface or Accessory Kit**. In the context of industrial electronics (specifically signal converters and interface modules), here is a breakdown of the electronic parts and their functions: ### 1. Core Electronic Components Most ACK-R modules (specifically the **RS232/RS485 interface kits**) consist of the following internal hardware: | Component | Description | Function | | :--- | :--- | :--- | | **UART Transceiver** | Integrated Circuit (IC) | Converts logic-level signals to RS232 or RS485 voltage levels. | | **Isolation Barrier** | Optocouplers or Magnetic Isolators | Protects the main controller from high-voltage spikes on the communication line. | | **Termination Resistors** | Usually 120 Ohm resistors | Prevents signal reflection in long-wire RS485 daisy-chain setups. | | **Voltage Regulator** | LDO (Low Dropout) Regulator | Steps down input power to a stable 3.3V or 5V for the internal ICs. | --- ### 2. Physical Interface and Connectivity The "Kit" aspect of the ACK-R typically involves specific physical connectors designed for modular integration: * **RJ-11 / RJ-45 Ports:** Used for quick-connect serial communication between the base unit (like a PID controller) and a PC. * **DB9 Connector:** Standard serial port interface for legacy hardware connection. * **Decoupling Capacitors:** Small SMD components that filter electronic noise from the power supply line to ensure data integrity. --- ### 3. Signal Flow Logic The electronics are designed to facilitate a specific data conversion path: 1. **Input:** TTL (Transistor-Transistor Logic) signals from the primary device's microprocessor. 2. **Processing:** The ACK-R circuitry adjusts impedance and voltage levels. 3. **Output:** Differential signals (for RS485) or Single-ended signals (for RS232) sent to the external monitoring system. ### 4. Technical Specifications (General) If you are using the ACK-R for **Red Lion** or similar industrial hardware, the electrical characteristics usually fall within these ranges: ```yaml Electrical_Specs: Supply_Voltage: 5V DC (Internal) Baud_Rate_Support: 300 to 115,200 bps Isolation_Rating: 1500V (in isolated models) Operating_Temp: -40°C to +75°C ``` --- **Note:** If your "ACK-R" refers to a specific sensor (like an Air Carbon Kit or a specialized Relay board), the components will instead focus on **Electrochemical cells** or **Electromagnetic coils**. Please specify the manufacturer if you require a circuit-level analysis.
    ✨ Follow-up Questions
    • ⤷What is the pinout configuration for an ACK-R RS232 adapter?
    • ⤷ How do I troubleshoot a 'No Communication' error with an ACK-R kit?
    • ⤷ Does the ACK-R require external power or is it bus-powered?