Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ACPDU-635C3-R1LF

  • AI
    The **ACPDU-635C3-R1LF** is a high-performance, rack-mounted Power Distribution Unit (PDU) component, typically utilized in enterprise-grade servers and telecommunications infrastructure. The "LF" suffix indicates that the part is **Lead-Free** (RoHS compliant). ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Voltage** | 200V - 240V AC | | **Current Rating** | 63A (Maximum) | | **Phase** | Single Phase or Three Phase (Depending on specific wiring configuration) | | **Form Factor** | 1U / 2U Rack Mountable | | **Compliance** | RoHS (Lead-Free), CE/UL Standards | --- ### 2. Core Electronic Components The internal architecture of the ACPDU-635C3-R1LF consists of several critical subsystems: #### A. Power Input & Protection * **Terminal Blocks:** Heavy-duty screw terminals designed to handle high-amperage (63A) input wires. * **Circuit Breakers:** Integrated hydraulic-magnetic breakers that prevent overcurrent conditions and ensure the safety of downstream equipment. * **Surge Protection Devices (SPD):** Metal Oxide Varistors (MOVs) to absorb voltage spikes and protect sensitive server electronics. #### B. Distribution Layer * **Busbar System:** Solid copper busbars are used instead of standard wiring to handle the 63A load with minimal heat generation and resistance. * **Output Receptacles:** Usually equipped with IEC C13 or C19 outlets. These are reinforced to prevent arcing during high-load operations. #### C. Monitoring & Logic (Control Board) * **Microcontroller (MCU):** An onboard processor that monitors current draw, voltage levels, and power factor. * **Current Transformers (CTs):** Sensors wrapped around the internal conductors to measure real-time amperage without breaking the circuit. * **Network Interface:** An RJ45 port linked to an internal Ethernet controller for remote SNMP or Web-GUI monitoring. --- ### 3. Application Use Cases 1. **Data Centers:** Distributing high-density power to blade servers. 2. **Networking Racks:** Powering core switches and routers that require redundant 200V+ inputs. 3. **Industrial Automation:** Providing a centralized power point for PLC (Programmable Logic Controller) cabinets. --- ### 4. Safety and Maintenance Features * **Hot-Swappable Monitoring:** Many units in this series allow the network management card to be replaced without shutting down the power to the outlets. * **Thermal Sensors:** Internal thermistors monitor the temperature of the busbars to prevent fire hazards due to loose connections.
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the R1LF and earlier revisions of this PDU?
    • ⤷ How do you configure the SNMP settings for remote monitoring on this model?
    • ⤷ What is the maximum power wattage capacity for the 63A rating at 230V?