Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ACTA-524-R

  • AI
    The **ACTA-524-R** is a specific electronic component typically categorized as an **Isolated DC Current Transducer** or a specialized signal conditioner/converter used in industrial automation and power monitoring. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Core Functionality The ACTA-524-R is designed to measure DC current (often via a shunt or direct connection) and convert it into a standardized, isolated analog output signal. The "-R" suffix usually denotes a specific mounting style (like DIN rail) or a specific output range. ### Key Electronic Stages | Stage | Component/Process | Description | | :--- | :--- | :--- | | **Input** | DC Shunt/Direct | Accepts low-voltage DC signals (e.g., 0-50mV from a shunt) or direct amperage. | | **Isolation** | Galvanic Opto-isolator | Provides high-voltage separation between the input, output, and power supply. | | **Processing** | Operational Amplifiers | Scales and linearizes the input signal to ensure accuracy. | | **Output** | Analog Driver | Converts the processed signal into 4-20mA, 0-5V, or 0-10V. | --- ## 2. Technical Specifications While specific configurations can vary based on the manufacturer (often associated with brands like *NK Technologies* or similar industrial suppliers), the general electronic profile includes: * **Isolation Voltage:** Typically 2.5kV to 5kV AC (ensures safety against ground loops). * **Response Time:** Usually <100ms for industrial monitoring. * **Accuracy Class:** Generally 0.5% to 1.0% of full scale. * **Power Supply:** Often 24V DC or 120V AC (depending on the specific model variant). --- ## 3. Typical Pinout / Connection Schematic The device generally follows a 4-terminal or 6-terminal wiring logic: ```yaml Terminal Block: 1: (+) Power Supply (e.g., +24VDC) 2: (-) Power Supply (Common) 3: (+) Input Signal (From Shunt/Source) 4: (-) Input Signal (From Shunt/Source) 5: (+) Output Signal (To PLC/Controller) 6: (-) Output Signal (Common) ``` --- ## 4. Application Use Cases * **Solar Array Monitoring:** Measuring the DC output of photovoltaic strings. * **Battery Charging Systems:** Monitoring current flow into lead-acid or lithium banks. * **Variable Speed Drives (VSD):** Feedback loops for DC motor control. * **Electrolysis Processes:** High-current DC monitoring in chemical plants.
    ✨ Follow-up Questions
    • ⤷ What are the specific input range options for the ACTA-524-R?
    • ⤷ How do I calibrate the zero and span on this transducer?
    • ⤷ What is the difference between the ACTA-524-R and the ACTA-524-S model?