Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ACU370-64G-RGD

  • AI
    The **ACU370-64G-RGD** is a high-performance, ruggedized embedded computing module, typically part of the **AcuEdge** or specialized industrial series. It is designed for edge computing, AI inference, and harsh environmental deployments. Below is a breakdown of its electronic components and technical specifications. --- ### 1. Core Technical Specifications The "64G" in the model name usually refers to the system memory (RAM) capacity, while "RGD" denotes the Ruggedized hardware profile. | Component | Specification Details | | :--- | :--- | | **Processor Support** | Typically supports Intel Core i7/i9 or Xeon Scalable processors (depending on carrier board). | | **Memory (RAM)** | 64GB DDR4/DDR5 (ECC supported in RGD variants). | | **Storage** | Integrated NVMe SSD support + SATA III interfaces. | | **Form Factor** | COM Express, VPX, or proprietary stackable rugged module. | | **Operating Temp** | -40°C to +85°C (Extended Industrial Range). | --- ### 2. Key Electronic Systems #### A. Power Management (PMIC) The RGD (Rugged) version utilizes **Industrial-grade Power Management Integrated Circuits**. Unlike commercial parts, these are designed to handle: * **Wide Input Voltage:** Often supports 9V to 36V DC. * **Transient Protection:** Protection against voltage spikes and electromagnetic interference (EMI). #### B. Thermal Management Since this is a ruggedized part, the electronic layout is optimized for **Conduction Cooling**. * **Heat Spreaders:** Thick copper or aluminum plates integrated into the PCB design. * **Underfill:** Large BGA (Ball Grid Array) components like the CPU and RAM often feature underfill (a specialized epoxy) to prevent solder joint cracking due to thermal expansion or vibration. #### C. Connectivity and I/O The module interfaces with a carrier board via high-density connectors, providing: * **PCIe Gen 4/5:** For high-speed data transfer to GPUs or FPGAs. * **Ethernet:** Dual 10GbE or 1GbE controllers (Intel i210/i225 series). * **USB/Serial:** USB 3.2 and RS-232/422/485 for legacy industrial sensor integration. --- ### 3. Ruggedization Features (The "RGD" Suffix) The electronic assembly follows specific standards to ensure reliability in extreme conditions: 1. **Conformal Coating:** The PCB is coated with a thin polymeric film to protect components against moisture, dust, and chemicals. 2. **Shock & Vibration:** Rated according to **MIL-STD-810G** standards. 3. **ECC Memory:** Error Correction Code RAM is used to prevent data corruption caused by ionizing radiation or atmospheric interference at high altitudes. --- ### 4. Typical Applications ```python # Conceptualizing the deployment of an ACU370-64G-RGD deployment_scenarios = { "Defense": "Real-time signal processing in UAVs", "Industrial": "AI-driven quality control in high-temp factories", "Transport": "Autonomous rail signaling and obstacle detection", "Energy": "Substation automation and grid monitoring" } ```
    ✨ Follow-up Questions
    • ⤷ What is the specific power consumption (TDP) for the ACU370-64G-RGD?
    • ⤷ Does this module support hardware-based encryption like TPM 2.0?
    • ⤷ Which carrier boards are compatible with the ACU370 series?