Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ACV-2141-R

  • AI
    The **ACV-2141-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Common Mode Choke**. It is primarily used in power supply circuits and data lines to suppress high-frequency electromagnetic interference (EMI). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The ACV-2141-R is designed for high-density PCB mounting. The "R" usually denotes compliance with RoHS standards (Lead-free). | Feature | Description | | :--- | :--- | | **Component Type** | Common Mode Choke / Filter | | **Mounting Type** | SMD (Surface Mount Device) | | **Typical Application** | Power Line Filtering, USB, CAN-bus, Signal Conditioning | | **Construction** | Ferrite Core with Bifilar or Sector windings | ### 2. Electrical Characteristics While exact values can vary slightly by manufacturer (often associated with brands like **Abracon** or **Coilcraft** equivalents), the standard parameters for the 2141 series are: * **Impedance (@ 100MHz):** Usually ranges between **300Ω to 1000Ω**, depending on the specific winding variant. * **Rated Current:** Typically handles between **1.0A and 5.0A**. * **DC Resistance (DCR):** Extremely low (often < 50 mΩ) to minimize power loss and heat generation. * **Insulation Resistance:** Usually 10MΩ minimum at 100VDC. --- ### 3. Key Electronic Functions #### A. EMI Suppression The primary role of the ACV-2141-R is to filter out **Common Mode Noise**. This is noise that flows in the same direction on both signal lines. The choke allows the "Differential Mode" (the actual data/power signal) to pass through while blocking the noise. #### B. Magnetic Core Properties It utilizes a high-permeability ferrite core. This ensures that the component provides maximum inductance in a small physical footprint, which is critical for modern compact electronics. #### C. Thermal Stability The materials used are rated for industrial temperature ranges, typically **-40°C to +125°C**, ensuring the inductance remains stable even as the device heats up during operation. --- ### 4. Typical Application Circuit In a standard power entry circuit, the ACV-2141-R is placed immediately after the input connector: ```text [Input Power +] ----( Coil 1 )---- [Internal Circuit +] [Input Power -] ----( Coil 2 )---- [Internal Circuit -] ^ Common Mode Choke ``` ---
    ✨ Follow-up Questions
    • ⤷What are the specific dimensions and footprint for the ACV-2141-R?
    • ⤷ How does a common mode choke differ from a standard inductor in a circuit?
    • ⤷ What are the common failure modes for SMD chokes like the ACV-2141-R?