Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ACV-3133-R

  • AI
    The **ACV-3133-R** is a specific electronic component often categorized within high-performance RF (Radio Frequency) and microwave components, typically used as an **InGaP HBT Gain Block Amplifier**. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical parameters for the ACV-3133-R under standard operating conditions: | Parameter | Specification | Units | | :--- | :--- | :--- | | **Technology** | InGaP HBT (Heterojunction Bipolar Transistor) | - | | **Frequency Range** | DC to 6000 | MHz | | **Gain (@ 2 GHz)** | ~14.5 | dB | | **Output P1dB** | ~13.5 | dBm | | **OIP3** | ~27.0 | dBm | | **Operating Voltage** | 3.3 to 4.0 | V | | **Device Current** | 35 - 45 | mA | | **Package Type** | SOT-363 | Micro-plastic | --- ### 2. Functional Description The ACV-3133-R is designed as a **Darlington pair** amplifier. Its internal architecture provides several advantages for circuit designers: * **Broadband Performance:** It operates from DC up to 6 GHz, making it versatile for various wireless standards (WLAN, Bluetooth, Cellular). * **Internal Matching:** The device is internally matched to 50 Ohms, reducing the need for complex external tuning components. * **High Linearity:** With a high OIP3 (Output Third-Order Intercept Point), it minimizes signal distortion in dense signal environments. --- ### 3. Application Use Cases This component is typically found in the "IF" (Intermediate Frequency) or "RF" stages of communication systems. Common applications include: 1. **Driver Amplifiers:** Used to boost signals before they reach the final power amplifier. 2. **LNA Buffers:** Providing gain stabilization after a Low Noise Amplifier. 3. **General Purpose Wireless:** Integration into ISM band devices, CATV, and satellite terminals. --- ### 4. Basic Circuit Implementation To operate the ACV-3133-R, a simple biasing circuit is required. A typical configuration includes: * **DC Blocking Capacitors:** Placed at Input and Output to prevent DC offset from affecting other stages. * **RF Choke (Inductor):** Used on the output line to inject DC power without leaking RF signal into the power supply. * **Bias Resistor ($R_{bias}$):** Used to set the operating current based on the supply voltage ($V_{cc}$). ```text Input ----||----[ ACV-3133-R ]----||---- Output C1 | C2 ( ) R_bias | Vcc ``` ---
    ✨ Follow-up Questions
    • ⤷What is the thermal resistance of the SOT-363 package for this part?
    • ⤷ How do I calculate the correct R-bias resistor for a 5V supply?
    • ⤷ What are the primary competitors to the ACV-3133-R in RF design?