Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ACV-C132-R

  • AI
    The **ACV-C132-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are essential in power management circuits for filtering and energy storage. --- ### 1. Technical Specifications The part number follows a standard nomenclature used by manufacturers (like ABC Taiwan or similar magnetic component producers). Below is a breakdown of its typical characteristics: | Parameter | Description | | :--- | :--- | | **Component Type** | Power Inductor (SMD) | | **Inductance Value** | Usually determined by the "132" code (e.g., 1.3 mH or 1300 µH depending on series) | | **Mounting Type** | Surface Mount (SMT) | | **Shielding** | Unshielded or Semi-shielded (Series dependent) | | **RoHS Compliance** | Yes (indicated by the "-R" suffix) | ### 2. Physical Construction The ACV-C132-R is built to withstand high currents while maintaining a small footprint. Its construction typically involves: * **Core Material:** Ferrite core for high-frequency efficiency and low core loss. * **Winding:** Copper wire wound around the core, often coated with high-temperature insulation. * **Terminations:** Solder-plated pads (Lead-free) for reliable PCB mounting. ### 3. Key Electronic Functions In a circuit, this part performs several critical roles: 1. **Energy Storage:** In DC-DC converters (Buck or Boost), it stores energy in a magnetic field during the "on" cycle and releases it during the "off" cycle. 2. **Noise Filtering:** It acts as a low-pass filter, blocking high-frequency AC noise while allowing DC current to pass through. 3. **Voltage Regulation:** Helps smooth out the output current to provide a steady voltage to sensitive components like microprocessors. ### 4. Common Applications * **Power Supplies:** Switched-mode power supplies (SMPS). * **Consumer Electronics:** Laptops, tablets, and gaming consoles. * **Industrial Equipment:** DC-DC converters and motor control circuits. * **Telecommunications:** Base station power modules and routers. --- ### Code Example: Simulating Inductor Reactance If you are designing a circuit with this part, you might want to calculate its inductive reactance ($X_L$) at a specific frequency ($f$): ```python import math def calculate_reactance(inductance_uh, frequency_hz): # Convert microhenries to Henries L = inductance_uh * 1e-6 # Formula: Xl = 2 * pi * f * L reactance = 2 * math.pi * frequency_hz * L return reactance # Example for a 1300uH inductor at 100kHz L_val = 1300 freq = 100000 print(f"Reactance: {calculate_reactance(L_val, freq):.2f} Ohms") ```
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the ACV-C132-R?
    • ⤷ How does the -R suffix affect the soldering process?
    • ⤷ Are there shielded alternatives to the ACV series for EMI sensitive designs?