Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD1580BRT-R2

  • AI
    ## Overview of the AD1580BRT-R2 The **AD1580BRT-R2** is a low-cost, low-power, ultra-small **Shunt Mode Voltage Reference**. It is designed to provide a stable 1.225 V output for high-precision circuits, particularly in battery-powered applications where space and power consumption are critical. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage ($V_{out}$)** | 1.225 V | | **Initial Accuracy** | ±2 mV (Grade B) | | **Operating Current Range** | 50 µA to 10 mA | | **Temperature Coefficient** | 50 ppm/°C | | **Package Type** | SOT-23-3 (Surface Mount) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Characteristics The AD1580 operates as a **two-terminal shunt regulator** (similar to a Zener diode). * **Shunt Topology:** Unlike a series regulator, it maintains a constant voltage by "shunting" excess current to ground. This makes it highly versatile for creating negative voltage references or floating references. * **Low Power Consumption:** With a minimum operating current of only 50 µA, it is ideal for portable electronics to extend battery life. * **High Stability:** It provides excellent stability against variations in input current and temperature. --- ### 3. Pin Configuration (SOT-23) | Pin Number | Designation | Description | | :--- | :--- | :--- | | 1 | **+** | Positive Terminal (Input/Output) | | 2 | **-** | Negative Terminal (Ground) | | 3 | **NC** | No Connect (Leave floating) | --- ### 4. Common Applications The AD1580BRT-R2 is typically found in the following circuits: 1. **ADC/DAC Reference:** Provides the stable baseline voltage for 8-bit to 12-bit converters. 2. **Portable Instrumentation:** Used in handheld multimeters or sensors. 3. **Precision Current Sources:** Combined with an Op-Amp to create a constant current drive. 4. **Battery Monitoring:** Used as a comparison threshold for low-battery detection circuits. ### 5. Typical Application Circuit To use the AD1580, an external resistor ($R_s$) is required to limit the current flowing into the device: ```text Input Voltage (Vin) | [ Rs ] <-- Series Resistor | +------- Vout (1.225V) | [AD1580] | GND ``` ---
    ✨ Follow-up Questions
    • ⤷ How do I calculate the value for the series resistor Rs for this part?
    • ⤷ What is the difference between the BRT and ART versions of the AD1580?
    • ⤷ Can the AD1580 be used to provide a negative voltage reference?