Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD5259BRMZ100-R7

  • AI
    The **AD5259BRMZ100-R7** is a specific model of a non-volatile Digital Potentiometer (DigiPot) manufactured by Analog Devices. It is designed to replace mechanical potentiometers with a digitally controlled integrated circuit. ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Part Number** | AD5259BRMZ100-R7 | | **Resistance** | 100 kΩ | | **Resolution** | 256 Positions (8-bit) | | **Interface** | I²C Compatible | | **Memory Type** | Non-Volatile (EEPROM) | | **Supply Voltage** | 2.7 V to 5.5 V | | **Package** | 10-Lead MSOP | | **Temperature Range** | -40°C to +125°C | --- ### Key Electronic Components & Features #### 1. Non-Volatile EEPROM Unlike standard volatile digital pots that reset to a default value when power is lost, the AD5259 features internal **EEPROM**. This allows the device to store the wiper position. Upon power-up, the device automatically restores the last saved resistance setting. #### 2. I²C Serial Interface The part communicates via a 2-wire I²C bus. This allows a microcontroller to: * Read and write to the wiper register. * Store values into the EEPROM. * Control multiple devices on the same bus using address pins ($AD0$ and $AD1$). #### 3. The Resistor Ladder Internally, the device consists of a string of 256 precise resistors. CMOS switches (controlled by the digital logic) connect the "Wiper" terminal to any point along this string, effectively changing the resistance ratio between the terminals. #### 4. Tolerance and Temperature Coefficient * **Resistance Tolerance:** Typically ±20%. * **Temperature Coefficient:** 35 ppm/°C, ensuring stability across different operating temperatures. --- ### Pin Configuration (10-Lead MSOP) | Pin | Name | Function | | :--- | :--- | :--- | | 1 | **VDD** | Positive Power Supply | | 2 | **AD1** | I²C Address Bit 1 | | 3 | **AD0** | I²C Address Bit 0 | | 4 | **SCL** | Serial Clock Input | | 5 | **SDA** | Serial Data Input/Output | | 6 | **W** | Wiper Terminal | | 7 | **A** | Terminal A (High Side) | | 8 | **GND** | Ground | | 9 | **B** | Terminal B (Low Side) | | 10 | **WP** | Write Protect (Hardware protection for EEPROM) | --- ### Common Applications * **LCD Contrast Control:** Adjusting the bias voltage for displays. * **Programmable Filters/Amplifiers:** Setting gain or cutoff frequencies in analog circuits. * **Power Supply Calibration:** Fine-tuning output voltages in DC-DC converters. * **Sensor Trimming:** Replacing manual "trim pots" in industrial equipment for automated calibration.
    ✨ Follow-up Questions
    • ⤷ How does the Non-Volatile memory impact the power-up behavior compared to volatile DigiPots?
    • ⤷ What is the maximum current allowed through the wiper (W) terminal?
    • ⤷ How do I calculate the output voltage in a voltage divider configuration using this part?