Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD5627BCPZ-R2

  • AI
    ## AD5627BCPZ-R2: Electronic Component Overview The **AD5627BCPZ-R2** is a low-power, dual-channel, 12-bit voltage-output digital-to-analog converter (DAC). Manufactured by Analog Devices, it belongs to the *nanoDAC®* family and is known for its compact size and high performance in precision applications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Resolution** | 12-Bit | | **Number of Channels** | 2 (Dual) | | **Interface** | $I^2C$ Compatible | | **Supply Voltage Range** | 2.7 V to 5.5 V | | **Output Type** | Buffered Voltage | | **Package** | 10-lead LFCSP (3mm x 3mm) | | **Power Consumption** | 0.6 mA at 5 V (Normal Mode) | --- ### 2. Functional Electronic Parts & Features The AD5627 consists of several internal architectural blocks that define its electronic behavior: #### A. Digital-to-Analog Core * **Resistor String Architecture:** It utilizes a resistor string design, which inherently ensures monotonic behavior. This is crucial for control systems to prevent oscillation. * **Precision Output Amplifiers:** The device includes internal rail-to-rail output buffers. This allows the output voltage to swing from 0V to the supply voltage ($V_{DD}$). #### B. Power Management * **Power-On Reset (POR):** The chip includes a POR circuit that ensures the DAC outputs power up to 0 V (or midscale, depending on the specific model variant) and remain there until a valid write takes place. * **Power-Down Mode:** It features a software-selectable power-down mode. In this state, the current consumption drops to **480 nA at 5 V**, and the output pins can be internally connected to ground via a resistor (1 kΩ or 100 kΩ). #### C. Interface & Control * **$I^2C$ Interface:** It operates as a slave device on the $I^2C$ bus, supporting Standard (100 kHz) and Fast (400 kHz) modes. * **LDAC (Load DAC) Pin:** A hardware pin that allows both DAC channels to be updated simultaneously. This is useful for applications requiring synchronized output changes. * **CLR (Clear) Pin:** An active-low input that allows the user to reset the DAC registers to a zero-scale or mid-scale level. --- ### 3. Pinout Configuration The 10-lead LFCSP package is designed for high-density PCB layouts. | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | $V_{DD}$ | Power Supply Input | | 2 | $V_{REF}$ | External Reference Voltage Input | | 3 | $V_{OUT}A$ | DAC Channel A Output | | 4 | $V_{OUT}B$ | DAC Channel B Output | | 5 | GND | Ground | | 6 | LDAC | Asynchronous DAC Update | | 7 | SCL | $I^2C$ Serial Clock Line | | 8 | SDA | $I^2C$ Serial Data Line | | 9 | CLR | Clear Pin (Active Low) | | 10 | ADDR | $I^2C$ Address Selection | --- ### 4. Application Use Cases * **Process Control:** Generating precise analog control signals for industrial valves or motors. * **Data Acquisition:** Providing reference voltages for ADCs. * **Digital Gain/Offset Adjustment:** Fine-tuning analog circuits via software. * **Programmable Voltage Sources:** Used in portable battery-powered instrumentation due to low power consumption.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the AD5627 and the 16-bit AD5667 version?
    • ⤷ How does the resistor string architecture impact the integral nonlinearity (INL) of this DAC?
    • ⤷ Can the AD5627 operate with an internal reference
    • ⤷ or is an external one mandatory?