Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD5647RBCPZ-R

  • AI
    ## Overview of AD5647RBCPZ-R The **AD5647RBCPZ-R** is a high-performance, low-power, dual-channel, 14-bit digital-to-analog converter (DAC). It belongs to the *nanoDAC®* family from Analog Devices and is designed for applications where space and power efficiency are critical. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Resolution** | 14-Bit | | **Number of Channels** | 2 (Dual) | | **Interface** | I²C Compatible | | **Supply Voltage** | 2.7 V to 5.5 V | | **On-Chip Reference** | 2.5 V (10 ppm/°C max drift) | | **Package** | 10-lead LFCSP (3mm x 3mm) | | **Output Type** | Buffered Voltage | | **Power Consumption** | ~450 µA at 5 V | --- ### Key Features 1. **Integrated Reference:** It features a built-in 2.5 V internal reference that is enabled by default, reducing the need for external components. 2. **Power-Down Mode:** The device includes a software-selectable power-down feature, reducing current consumption to as low as 480 nA at 5 V. 3. **Power-On Reset:** It incorporates a power-on reset circuit that ensures the DAC output powers up to 0 V and remains there until a valid write command occurs. 4. **Small Form Factor:** The LFCSP package makes it ideal for portable instruments and high-density circuit boards. --- ### Functional Block Diagram Concepts The internal architecture consists of several key stages: * **I²C Interface Logic:** Handles communication with the microcontroller. * **Resistor String DAC:** Provides the actual conversion with high linearity. * **Output Buffer:** Drives the load and provides rail-to-rail operation. * **Control Logic:** Manages the internal reference and power modes. --- ### Typical Applications * **Process Control:** Generating precision setpoints. * **Data Acquisition Systems:** Calibration and offset adjustment. * **Portable Instrumentation:** Battery-powered test equipment. * **Digital Gain and Offset Adjustment:** Fine-tuning analog signals in a circuit. --- ### Pin Configuration Example ```text Pin 1: VDD (Power Supply) Pin 2: VOUTA (DAC Output A) Pin 3: GND (Ground) Pin 4: VOUTB (DAC Output B) Pin 5: SCL (Serial Clock Line) Pin 6: SDA (Serial Data Line) ... and others for Address Selection and Reference. ```
    ✨ Follow-up Questions
    • ⤷ How does the I2C addressing work for multiple AD5647R devices on the same bus?
    • ⤷ What are the advantages of a resistor string DAC architecture compared to R-2R ladders?
    • ⤷ Can the internal reference be bypassed to use an external voltage source?