Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD602ARZ-R7

  • AI
    ## Overview of AD602ARZ-R7 The **AD602ARZ-R7** is a high-performance, dual-channel, variable gain amplifier (VGA) manufactured by Analog Devices. It is specifically designed for applications requiring high-frequency signal processing with a wide dynamic range. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Function** | Dual, Low Noise, Variable Gain Amplifier | | **Bandwidth** | 35 MHz | | **Gain Range** | -10 dB to +30 dB per channel (Total 80 dB cascaded) | | **Gain Scaling** | 32 dB/V (Linear-in-dB) | | **Supply Voltage** | ±5V (Dual Supply) | | **Package** | SOIC-16 (Surface Mount) | | **Output Noise** | 1.4 nV/√Hz | | **Packaging Type** | Tape & Reel (R7 suffix) | --- ### 2. Core Features * **Dual Channels:** Contains two independent amplifiers that can be used separately or cascaded to provide a wider gain range (up to 80 dB). * **Linear-in-dB Scaling:** The gain is controlled by a DC voltage. For every volt of change in the control pin, the gain changes by a fixed number of decibels (32 dB/V), which simplifies AGC (Automatic Gain Control) circuit design. * **Low Noise & Distortion:** Ideal for ultrasound and radar applications where signal integrity is critical. * **Precise Gain Control:** The gain control interface is differential, providing high immunity to noise on the control lines. --- ### 3. Pinout and Internal Structure The AD602 consists of a passive input attenuator followed by a fixed-gain amplifier. The gain is adjusted by "sliding" the signal tap along the attenuator. | Section | Description | | :--- | :--- | | **Input (A/B)** | Differential or single-ended high-impedance inputs. | | **Gain Control (VGN)** | The voltage applied here determines the amplification level. | | **Output (A/B)** | Low-impedance outputs capable of driving small loads. | | **Power Pins** | Requires +Vcc and -Vee (typically +5V and -5V). | --- ### 4. Typical Applications 1. **Ultrasound Imaging:** Used in Time Gain Control (TGC) to amplify weak echoes returning from deeper tissues. 2. **Radar/Sonar Systems:** To handle the wide dynamic range of returning radio or acoustic waves. 3. **Communication Systems:** Acting as an Automatic Gain Control (AGC) element in RF receivers. 4. **Signal Instrumentation:** High-speed data acquisition where signal levels vary significantly. --- ### 5. Part Number Breakdown (AD602ARZ-R7) * **AD602:** The base model number. * **A:** Performance grade (Standard). * **R:** Package type (SOIC - Small Outline Integrated Circuit). * **Z:** RoHS compliant (Lead-free). * **R7:** 7-inch Tape and Reel packaging (usually 1,000 units). ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the AD600 and the AD602 models?
    • ⤷ How do you cascade the two channels to achieve an 80 dB gain range?
    • ⤷ What are the power consumption characteristics of the AD602ARZ-R7?