Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD604ARSZ-R7

  • AI
    ## Overview of the AD604ARSZ-R7 The **AD604ARSZ-R7** is a high-performance, dual-channel, ultralow noise, variable gain amplifier (VGA). It is primarily designed for applications requiring a wide dynamic range and precise gain control, such as ultrasound imaging and wireless communication systems. --- ### 1. Key Technical Specifications The table below summarizes the core electrical characteristics of the AD604ARSZ-R7: | Parameter | Specification | | :--- | :--- | | **Channels** | Dual (2 Independent Channels) | | **Bandwidth** | 40 MHz | | **Gain Range** | 0 dB to 48 dB (per channel) | | **Input Noise** | 0.8 nV/√Hz | | **Supply Voltage** | ±5V | | **Package Type** | SSOP-24 (Shrink Small Outline Package) | | **Gain Control** | Linear-in-dB (40 dB/V scale) | --- ### 2. Core Functional Parts The AD604 architecture consists of several specialized sub-circuits: #### A. The X-AMP® Architecture The device utilizes Analog Devices' proprietary **X-AMP** (Exponential Amplifier) architecture. This allows for: - Continuous gain control without the discrete steps found in traditional digital VGAs. - Maintaining a constant bandwidth regardless of the gain setting. #### B. Passive Input Attenuator Each channel starts with a differential 7-stage R-2R ladder attenuator. This provides a precise 0 dB to 48 dB attenuation range before the signal reaches the fixed-gain amplifier, ensuring high linearity. #### C. Gain Control Interface The gain is controlled via an analog voltage ($V_{GAT}$). The relationship is **Linear-in-dB**, meaning a change in voltage results in a logarithmic change in gain, which is ideal for human perception (e.g., audio) and signal compression. --- ### 3. Pinout and Physical Configuration The **AD604ARSZ-R7** is housed in a 24-lead SSOP. The "R7" suffix indicates that the part is shipped on a 7-inch tape and reel. | Pin Group | Function | | :--- | :--- | | **INP1 / INP2** | Positive differential inputs for channels 1 and 2. | | **VNEG / VPOS** | Power supply pins (typically -5V and +5V). | | **VGN1 / VGN2** | Gain control voltage inputs. | | **OUT1 / OUT2** | Signal outputs. | | **COMM** | Common ground connection. | --- ### 4. Common Applications * **Medical Ultrasound:** Time-gain control (TGC) to compensate for signal attenuation in tissue. * **Sonar Systems:** Adjusting sensitivity based on target distance. * **RF/IF Gain Control:** Automatic Gain Control (AGC) loops in high-speed receivers. ---
    ✨ Follow-up Questions
    • ⤷ How does the X-AMP architecture differ from a standard operational amplifier in terms of bandwidth?
    • ⤷ What are the specific thermal considerations for the SSOP-24 package in this device?
    • ⤷ Can the two channels of the AD604 be cascaded to achieve a higher gain range?