Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD623ARZ-R7

  • AI
    ## Overview of the AD623ARZ-R7 The **AD623ARZ-R7** is an integrated, single-supply instrumentation amplifier manufactured by **Analog Devices**. It is designed to deliver rail-to-rail output swing on a single supply ($3\text{V}$ to $12\text{V}$) or dual supplies ($\pm 2.5\text{V}$ to $\pm 6\text{V}$). It is widely favored for its ease of use, as it requires only one external resistor to set the gain and offers excellent precision for its price point. --- ### Technical Specifications | Parameter | Value / Range | | :--- | :--- | | **Gain Range** | 1 to 1000 | | **Supply Voltage (Single)** | +3.0V to +12V | | **Supply Voltage (Dual)** | ±2.5V to ±6V | | **Input Voltage Range** | $V_{SS} - 0.15\text{V}$ to $V_{DD} - 1.5\text{V}$ | | **Quiescent Current** | 350 $\mu$A (typical) | | **Bandwidth (G=1)** | 800 kHz | | **Package Type** | SOIC-8 (N-Suffix) | | **Mounting Type** | Surface Mount (SMD) | --- ### Key Features and Electronic Characteristics 1. **Single Resistor Gain Setting**: The gain ($G$) is calculated using the formula: `G = 1 + (100 kΩ / Rg)` Where $R_g$ is the external resistor connected between pins 1 and 8. 2. **Rail-to-Rail Output**: Unlike traditional instrumentation amplifiers that lose several volts near the rails, the AD623 can swing within millivolts of the supply lines, making it ideal for low-voltage battery applications. 3. **Low Power Consumption**: With a maximum quiescent current of 550 $\mu$A, it is highly efficient for portable medical or industrial devices. 4. **Integrated RFI Filter**: The chip includes internal filters to reduce interference from Radio Frequency (RF), which is crucial when measuring small signals in noisy environments. --- ### Pin Configuration (SOIC-8) ```text +---U---+ RG | 1 8 | RG -IN | 2 7 | +VS +IN | 3 6 | OUTPUT -VS | 4 5 | REF +-------+ ``` * **RG (1, 8):** Terminals for the gain-setting resistor. * **-IN / +IN (2, 3):** Inverting and non-inverting inputs. * **-VS / +VS (4, 7):** Power supply pins. * **REF (5):** Reference pin; determines the "zero" output level. * **OUTPUT (6):** The amplified signal output. --- ### Common Applications * **Medical Instrumentation**: ECG and blood pressure monitors. * **Industrial Process Control**: Transducer interfaces for pressure and temperature. * **Precision Data Acquisition**: Acting as a buffer/amplifier for Analog-to-Digital Converters (ADCs). * **Low-Side Current Sensing**: Measuring current across a shunt resistor.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the exact resistor value for a gain of 100?
    • ⤷ What is the difference between the AD623 and the AD620?
    • ⤷ Can the AD623 be used with a single 5V supply for Arduino projects?