Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD652SW

  • AI
    ## Overview of the AD652SW The **AD652SW** is a high-performance **Synchronous Voltage-to-Frequency Converter (VFC)**. It is a precision device designed to convert an analog input voltage into a pulse train whose frequency is precisely proportional to the input. The "S" in the suffix usually denotes the military-grade temperature range, and the "W" refers to the package type (typically a ceramic header or specialized DIP). --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Full-Scale Frequency** | Up to 2 MHz | | **Nonlinearity** | 0.005% (max at 100 kHz) | | **Temperature Range** | -55°C to +125°C (Military Grade) | | **Clock Source** | External Synchronous Clock | | **Power Supply** | Dual ($\pm$12V to $\pm$15V) | | **Input Range** | 0V to +10V (Unipolar) or -5V to +5V (Bipolar) | --- ### Major Electronic Components & Architecture The AD652SW utilizes a **Charge-Balance** architecture. Below are the internal functional blocks: 1. **Integrator (Operational Amplifier):** * The core of the device is a high-speed integrator. It integrates the input current (derived from the input voltage) against a reference current. 2. **Precision Reference:** * Contains a buried Zener reference (typically 6.2V) that provides excellent long-term stability and low temperature drift. 3. **Comparator & Clock Logic:** * Unlike asynchronous VFCs, the AD652 uses an **external clock**. The output pulses are gated by this clock, ensuring that the output is synchronized with the system clock. This eliminates the need for precision external capacitors for timing. 4. **One-Shot / Switch Driver:** * This component controls the steering of the reference current into the integrator to "reset" the charge, maintaining the balance. --- ### Pin Configuration Functions | Pin Category | Description | | :--- | :--- | | **$V_{IN}$** | The analog input terminal where the voltage to be converted is applied. | | **Clock Input** | Receives the external square wave that defines the full-scale frequency. | | **Frequency Output** | An open-collector output that provides the pulse train. | | **$V_{EE}$ / $V_{CC}$** | Negative and Positive power supply rails. | | **Threshold / Trim** | Pins used for fine-tuning the offset and gain (scale factor). | --- ### Advantages of the "Synchronous" Design * **Clock Stability:** The accuracy of the conversion depends on the stability of the external clock rather than an external capacitor, which is prone to aging and temperature drift. * **Ease of Interfacing:** Since the output is synchronous, it is much easier to interface with digital systems (like Microcontrollers or FPGAs) for frequency counting without jitter issues. ---
    ✨ Follow-up Questions
    • ⤷ What is the main difference between the AD652 and the asynchronous AD650?
    • ⤷ How do you calculate the output frequency based on the input voltage and clock?
    • ⤷ What are the typical applications for a military-grade VFC like the AD652SW?