Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD736BRZ-R7

  • AI
    ## Technical Overview: AD736BRZ-R7 The **AD736BRZ-R7** is a high-precision, low-power, monolithic true RMS-to-DC converter manufactured by Analog Devices. It is designed to compute the root-mean-square value of both AC and DC input signals with high accuracy. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the AD736BRZ-R7: | Parameter | Specification | | :--- | :--- | | **Function** | True RMS-to-DC Converter | | **Input Voltage Range** | 0 to 200 mV rms (Standard) | | **Supply Voltage (Dual)** | ±2.8 V to ±16.5 V | | **Supply Voltage (Single)** | +2.8 V to +33 V | | **Supply Current** | 160 µA (Typical) | | **Bandwidth (-3dB)** | 190 kHz (at 100 mV input) | | **Package Type** | SOIC-8 (N-Suffix) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Core Components The internal architecture of the AD736 consists of four main subsections: 1. **Input Amplifier:** High-impedance FET input that allows for interface with high-resistance sources without loading effects. 2. **Full-Wave Rectifier:** Converts the input signal into absolute value form. 3. **RMS Core:** Uses a logarithmic/antilogarithmic circuit to perform the "Square" and "Mean" functions. 4. **Output Buffer:** An internal operational amplifier that filters the signal and provides a low-impedance DC output. --- ### 3. Application Use Cases Due to its low power consumption and high accuracy, the AD736BRZ-R7 is commonly found in: * **Portable Multimeters:** Measuring AC voltage and current. * **True RMS Power Measurement:** Assessing complex waveforms (like PWM) that standard averaging meters cannot handle. * **Battery-Powered Instrumentation:** Benefiting from the low 160 µA current draw. * **Audio Equipment:** Measuring signal levels in decibels. --- ### 4. Implementation Details The suffix **"R7"** indicates that the part is supplied on a **7-inch tape and reel** (usually 1,000 units), which is standard for automated SMT (Surface Mount Technology) assembly lines. ```c // Typical connection logic (Conceptual) VCC -> Pin 7 (+Supply) VEE -> Pin 4 (-Supply or Ground) VIN -> Pin 2 (High Impedance Input) VOUT -> Pin 6 (DC Output proportional to RMS) CAV -> Pin 1 (Averaging Capacitor connection) ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a True RMS converter like the AD736 and a standard Mean Absolute Value (MAV) rectifier?
    • ⤷ How does the choice of the averaging capacitor (CAV) affect the performance of this chip?
    • ⤷ Can the AD736BRZ-R7 be used in a single-supply configuration?