Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD7450ABRT-R2

  • AI
    ## Overview of AD7450ABRT-R2 The **AD7450ABRT-R2** is a high-performance, low-power, 12-bit Analog-to-Digital Converter (ADC). It is designed by Analog Devices and belongs to a family of high-speed ADCs that utilize a successive-approximation (SAR) architecture. The "ABRT" suffix typically indicates specific performance grades and the SOT-23 package type, while "R2" refers to the tape and reel packaging size (7-inch reel). --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Resolution** | 12-Bit | | **Sampling Rate** | Up to 1 MSPS (Mega Samples Per Second) | | **Input Type** | Fully Differential | | **Interface** | Serial (SPI/QSPI/MICROWIRE/DSP Compatible) | | **Power Supply** | 3V to 5V Single Supply | | **Package** | 8-lead SOT-23 | | **Power Dissipation** | ~8 mW (at 3V, 1 MSPS) | --- ### Key Internal Components & Features 1. **SAR Architecture:** Uses a Successive Approximation Register to convert the analog input to a digital code. This architecture is ideal for medium-to-high resolution applications with low power consumption. 2. **Differential Analog Input:** The device features a fully differential input. This is critical for noise rejection (Common Mode Rejection) and maximizing the dynamic range of the signal. 3. **Low Power Management:** It includes an automatic power-down mode. The device powers up only during conversion and powers down immediately after, making it excellent for battery-operated devices. 4. **No Pipeline Delay:** Unlike flash or pipeline ADCs, the SAR architecture ensures no "latency" between the conversion start and the data output for that specific sample. --- ### Pin Configuration (8-Lead SOT-23) | Pin No. | Name | Function | | :--- | :--- | :--- | | 1 | **REF** | External Reference Input | | 2 | **$V_{IN}+$** | Positive Analog Input | | 3 | **$V_{IN}-$** | Negative Analog Input | | 4 | **GND** | Ground | | 5 | **CS** | Chip Select (Active Low) - Initiates conversion | | 6 | **SCLK** | Serial Clock Input | | 7 | **SDATA** | Serial Data Output | | 8 | **$V_{DD}$** | Power Supply (3V to 5V) | --- ### Applications * **Medical Instrumentation:** High-speed data acquisition for portable devices. * **Motor Control:** Precise feedback loops in industrial robotics. * **Communication Systems:** Signal processing in wireless local loops. * **Data Acquisition:** High-density systems where PCB space is limited. ---
    ✨ Follow-up Questions
    • ⤷ What are the advantages of using a differential input over a single-ended input in this ADC?
    • ⤷ How does the power-down mode affect the maximum sampling rate?
    • ⤷ What is the recommended voltage reference range for the AD7450?