Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD7453BRT-R2

  • AI
    The **AD7453BRT-R2** is a high-performance, low-power, 12-bit Analog-to-Digital Converter (ADC). It is designed by Analog Devices and belongs to a family of differential-input ADCs that utilize a successive-approximation (SAR) architecture. --- ### ## Technical Specifications The following table outlines the primary electrical and physical characteristics of the AD7453BRT-R2: | Parameter | Specification | | :--- | :--- | | **Resolution** | 12-Bit | | **Throughput Rate** | Up to 550 kSPS (Kilo Samples Per Second) | | **Input Type** | Pseudo-Differential | | **Interface** | Serial (SPI/QSPI/MICROWIRE/DSP Compatible) | | **Supply Voltage** | 2.7 V to 5.25 V | | **Power Consumption** | ~3 mW (at 550 kSPS, 3V supply) | | **Package Type** | 8-lead SOT-23 | | **Temperature Range** | -40°C to +85°C | --- ### ## Core Functional Components 1. **SAR Architecture:** The device uses a Successive Approximation Register (SAR) based on a capacitive DAC. This allows for high-speed conversion without the latency issues found in pipeline ADCs. 2. **Pseudo-Differential Input:** Unlike single-ended ADCs, the AD7453 features a differential input. This helps in rejecting common-mode noise and provides a better signal-to-noise ratio (SNR). 3. **Low Power Management:** It features an automatic "Power-Down" mode. The device powers down at the end of a conversion and "wakes up" at the start of a new one, making it ideal for battery-operated equipment. 4. **Serial Interface:** The data is clocked out via a standard 3-wire serial interface, reducing the pin count and making it easy to interface with microcontrollers (MCUs) or Digital Signal Processors (DSPs). --- ### ## Typical Application Circuit When integrating this part, specific external components are required for stability and accuracy: ```c // Pseudo-code logic for SPI Reading from AD7453 1. Set CS (Chip Select) LOW to initiate conversion. 2. Wait for conversion time (t_conv). 3. Clock out 16 bits via SCLK (4 leading zeros + 12 bits of data). 4. Set CS HIGH to enter power-down mode. ``` * **V_ref:** Requires an external reference voltage (between 100mV and VDD). * **Decoupling:** A 10µF tantalum and a 0.1µF ceramic capacitor are recommended on the VDD pin to filter noise. --- ### ## Common Use Cases * **Battery-powered systems:** Due to its extremely low power consumption. * **Medical Instrumentation:** High precision in a small form factor. * **Remote Data Acquisition:** Ideal for environments where noise immunity is required. * **Control Systems:** Used in motor control and process automation.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD7453 and its 10-bit counterpart
    • ⤷ the AD7457?
    • ⤷ Can you explain the layout considerations for reducing noise in the SOT-23 package?
    • ⤷ How does the pseudo-differential input handle common-mode signals compared to a fully differential input?