Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD7457BRT-R2

  • AI
    ## Overview of the AD7457BRT-R2 The **AD7457BRT-R2** is a high-speed, low-power, 12-bit Analog-to-Digital Converter (ADC) manufactured by **Analog Devices**. It is designed for applications where power consumption and space are critical, utilizing a successive-approximation (SAR) architecture. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Resolution** | 12-Bit | | **Throughput Rate** | Up to 100 kSPS | | **Interface** | Serial (SPI/QSPI/MICROWIRE/DSP Compatible) | | **Power Supply** | 2.7 V to 5.25 V | | **Power Consumption** | 0.9 mW (at 3V, 100 kSPS) | | **Input Type** | Pseudo-Differential | | **Package Type** | 8-lead SOT-23 | --- ### 2. Functional Electronic Features * **Low Power Consumption:** The device is highly efficient, making it ideal for battery-operated equipment. It features an automatic power-down mode after conversion. * **Successive Approximation (SAR):** This core architecture ensures no pipeline delay, which is critical for real-time control loops. * **Pseudo-Differential Input:** This allows for a differential signal input while maintaining the simplicity of a single-ended system, reducing common-mode noise. * **No External Clock Required:** The conversion process is driven by an internal oscillator, simplifying the design of the host microcontroller interface. --- ### 3. Pin Configuration (8-Lead SOT-23) | Pin No. | Mnemonic | Description | | :--- | :--- | :--- | | 1 | **REF** | Reference Input for the ADC. | | 2 | **$V_{IN}+$** | Positive Analog Input. | | 3 | **$V_{IN}-$** | Negative Analog Input (Common-mode). | | 4 | **GND** | Ground reference. | | 5 | **$\overline{CS}$** | Chip Select (Logic Input). | | 6 | **SDATA** | Serial Data Output. | | 7 | **SCLK** | Serial Clock Input. | | 8 | **$V_{DD}$** | Power Supply (2.7V to 5.25V). | --- ### 4. Typical Application Circuit To interface the AD7457 with a microcontroller, a basic SPI setup is used. Below is a conceptual representation of the wiring logic: ```c // Pseudo-code for reading data from AD7457 uint16_t readADC() { uint16_t rawData = 0; digitalWrite(CS_PIN, LOW); // Start Conversion rawData = SPI.transfer16(0x00); // Read 12-bit result (shift as needed) digitalWrite(CS_PIN, HIGH); // Power down/End communication return (rawData & 0x0FFF); // Masking 12 bits } ``` --- ### 5. Common Use Cases 1. **Battery-Powered Systems:** Due to the low current draw and power-down features. 2. **Instrumentation and Control:** For monitoring sensors with high precision. 3. **Medical Equipment:** Portable diagnostic devices. 4. **Data Acquisition:** High-density boards where the small SOT-23 footprint is required. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the AD7457 and the AD7476?
    • ⤷ How does the power-down mode affect the sampling rate?
    • ⤷ What are the recommended voltage reference sources for this ADC?