Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD7478SRT-R2

  • AI
    ## Overview of AD7478SRT-R2 The **AD7478SRT-R2** is a high-speed, low-power, 8-bit Successive Approximation Register (SAR) Analog-to-Digital Converter (ADC). It is manufactured by Analog Devices and is designed to operate from a single power supply ranging from 2.35V to 5.25V. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Resolution** | 8-Bit | | **Throughput Rate** | Up to 1 MSPS (Mega Samples Per Second) | | **Power Consumption** | 3.6 mW Max (at 3V, 1 MSPS) | | **Interface** | High-speed Serial (SPI/QSPI/MICROWIRE/DSP compatible) | | **Input Range** | 0V to $V_{DD}$ | | **Package Type** | SOT-23 (6-lead) | | **Operating Temperature** | -40°C to +125°C | --- ### Core Electronic Characteristics #### 1. Successive Approximation Architecture The internal circuitry uses a charge-redistribution DAC. This architecture is highly efficient, allowing the chip to achieve high sample rates with very low power consumption. It does not require an external clock for the conversion process; it uses the serial clock ($SCLK$) to shift data out and control conversion. #### 2. Power Management One of the standout features of the AD7478 series is its automatic power-down capability. * **Normal Mode:** The device is fully powered up. * **Power-Down Mode:** The device enters this mode after a conversion is complete, reducing current consumption to typically **10 nA**. This makes it ideal for battery-operated portable devices. #### 3. The Serial Interface The part features a 3-wire serial interface: * **$CS$ (Chip Select):** Initiates the conversion process and frames the serial data. * **$SCLK$ (Serial Clock):** Controls the conversion speed and shifts out the data bits. * **$SDATA$ (Serial Data):** The digital output line providing the 8-bit result. --- ### Typical Pin Configuration (SOT-23) | Pin No. | Mnemonic | Description | | :--- | :--- | :--- | | 1 | $V_{DD}$ | Power Supply (also serves as the Reference Voltage) | | 2 | $GND$ | Ground | | 3 | $V_{IN}$ | Analog Input Channel | | 4 | $SCLK$ | Serial Clock Input | | 5 | $SDATA$ | Serial Data Output | | 6 | $CS$ | Chip Select / Conversion Start | --- ### Application Use Cases * **Battery-Powered Systems:** Due to the ultra-low standby current. * **Data Acquisition:** High-speed sensors requiring small form factors. * **Medical Instruments:** Portable monitoring equipment. * **Communications:** Signal level monitoring in mobile devices.
    ✨ Follow-up Questions
    • ⤷ How does the VDD supply voltage affect the reference voltage and input range?
    • ⤷ What is the maximum SCLK frequency supported by the AD7478?
    • ⤷ How does the power consumption scale with the throughput rate?