Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8000YCPZ-R2

  • AI
    The **AD8000YCPZ-R2** is a high-speed, current feedback operational amplifier (op-amp) manufactured by Analog Devices. It is designed for applications requiring high bandwidth, low distortion, and fast settling times. --- ## 1. Technical Specifications Below are the key technical parameters for the AD8000YCPZ-R2: | Parameter | Specification | | :--- | :--- | | **Type** | Current Feedback Operational Amplifier | | **Bandwidth (-3 dB)** | 1.5 GHz (at G=+1) | | **Slew Rate** | 4100 V/µs | | **Settling Time** | 12 ns (to 0.1%) | | **Supply Voltage Range** | 4.5 V to 12 V (Single or Dual) | | **Output Current** | 100 mA | | **Supply Current** | 13.5 mA | | **Package Type** | LFCSP-8 (Lead Frame Chip Scale Package) | --- ## 2. Pin Configuration (LFCSP-8) The AD8000YCPZ-R2 uses a compact 8-lead package. Understanding the pinout is critical for PCB layout: 1. **Vout**: Output Signal. 2. **-Vs**: Negative Supply Voltage. 3. **+In**: Non-inverting Input. 4. **-In**: Inverting Input. 5. **Disable**: Power-down pin (Active low). 6. **+Vs**: Positive Supply Voltage. 7. **NC**: No Internal Connection. 8. **Exposed Pad**: Must be connected to a ground plane or negative supply for thermal dissipation. --- ## 3. Key Electronic Characteristics ### High Speed and Performance With a **1.5 GHz bandwidth** and a massive **4100 V/µs slew rate**, this chip is capable of handling rapid signal transitions without significant distortion. This makes it ideal for pulse-based systems. ### Current Feedback Architecture Unlike traditional Voltage Feedback (VFA) op-amps, the Current Feedback (CFA) architecture of the AD8000 allows the bandwidth to remain relatively constant even as the gain increases. ### Low Distortion The device maintains excellent harmonic distortion performance (e.g., -54 dBc at 20 MHz), which is vital for maintaining signal integrity in communication systems. --- ## 4. Typical Applications * **Video Processing**: High-definition video line drivers. * **A/D Converter Drivers**: Buffering high-speed signals for ADCs. * **Communication Base Stations**: IF and RF gain stages. * **Test and Measurement**: High-speed pulse generators and oscilloscopes. * **Photodiode Pre-amps**: Converting light signals to voltage at high frequencies. --- ## 5. Design Considerations (PCB Layout) Because the AD8000 operates at GHz frequencies, the following rules apply: * **Bypass Capacitors**: Place 0.1 µF and 10 µF capacitors as close to the supply pins as possible. * **Ground Plane**: Use a solid ground plane to minimize EMI and provide a return path. * **Parasitic Capacitance**: Minimize trace length at the inverting input (-In) to prevent instability or oscillations.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R2 and R7 suffixes for this part?
    • ⤷ How does the current feedback architecture affect gain-bandwidth product?
    • ⤷ What are the thermal management requirements for the LFCSP package?