Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8005ARTZ-R2

  • AI
    ### Overview of the AD8005ARTZ-R2 The **AD8005ARTZ-R2** is a high-speed, current feedback operational amplifier (op-amp) manufactured by Analog Devices. It is designed for high-performance applications where low power consumption and high bandwidth are critical. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Architecture** | Current Feedback Op-Amp | | **Bandwidth (-3 dB)** | 270 MHz | | **Slew Rate** | 1500 V/µs | | **Supply Current** | 400 µA (Typical) | | **Operating Voltage Range** | Single Supply (+4V to +12V) or Dual Supply (±2V to ±6V) | | **Output Current** | 10 mA | | **Package Type** | SOT-23-5 | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### Main Features 1. **Ultra-Low Power:** Despite its high speed, it consumes only 400 µA of quiescent current, making it ideal for battery-operated portable electronics. 2. **High Speed:** The 1500 V/µs slew rate allows the amplifier to respond almost instantaneously to large signal changes, preventing distortion in pulse applications. 3. **Current Feedback Architecture:** Unlike standard voltage feedback amplifiers, the AD8005’s bandwidth is relatively independent of its closed-loop gain. 4. **Low Distortion:** It maintains excellent signal integrity, which is essential for video and RF signal processing. --- ### Typical Applications * **Portable Instrumentation:** Battery-powered multimeters or oscilloscopes. * **Video Buffering:** Driving video signals in professional cameras or broadcasting equipment. * **ADC Drivers:** Acting as an interface between sensors and Analog-to-Digital Converters. * **Active Filters:** High-speed filtering in communication systems. --- ### Pin Configuration (SOT-23-5) | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | VOUT | Output of the amplifier | | 2 | V- | Negative supply voltage | | 3 | +IN | Non-inverting input | | 4 | -IN | Inverting input | | 5 | V+ | Positive supply voltage | --- ### Design Considerations When working with the AD8005ARTZ-R2, keep the following in mind: * **Feedback Resistor ($R_F$):** In current feedback amplifiers, the value of $R_F$ is critical for stability. Refer to the datasheet's "Recommended $R_F$ values" for specific gain settings. * **Bypassing:** Use 0.1 µF and 10 µF capacitors near the supply pins to minimize power supply noise. * **PCB Layout:** Due to the 270 MHz bandwidth, high-frequency PCB layout techniques (short traces, ground planes) are mandatory to prevent oscillation.
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of current feedback amplifiers over voltage feedback amplifiers?
    • ⤷ How does the feedback resistor value affect the stability of the AD8005?
    • ⤷ What are the thermal management requirements for the SOT-23 package in high-speed applications?