Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8009JRT-R2

  • AI
    ## Technical Overview of the AD8009JRT-R2 The **AD8009JRT-R2** is a high-speed, current feedback operational amplifier (Op-Amp) manufactured by Analog Devices. It is specifically designed to provide ultra-high performance in video and high-frequency communication applications. --- ### 1. Key Technical Specifications The AD8009 is known for its extreme speed and low distortion. Below are the primary technical parameters: | Parameter | Value | | :--- | :--- | | **Bandwidth (G=+1)** | 1.0 GHz | | **Slew Rate** | 5,500 V/µs | | **Settling Time (0.1%)** | 10 ns | | **Input Bias Current** | 50 µA (max) | | **Supply Voltage Range** | 5V to 12V (Total) | | **Operating Temperature** | -40°C to +85°C | | **Package Type** | SOT-23-5 | --- ### 2. Core Features * **Ultra-High Speed:** With a 1 GHz bandwidth and a massive 5,500 V/µs slew rate, it can handle rapidly changing signals without significant distortion. * **Current Feedback Architecture:** Unlike traditional voltage feedback amplifiers, this architecture allows the bandwidth to remain relatively constant even as gain increases. * **Low Distortion:** It provides a Spurious-Free Dynamic Range (SFDR) of -70 dBc at 20 MHz, making it ideal for high-quality signal processing. * **High Output Drive:** It can drive up to 175 mA of output current, allowing it to handle heavy capacitive loads or 50Ω/75Ω back-terminated lines. --- ### 3. Pin Configuration (SOT-23-5) The AD8009JRT-R2 uses a compact 5-lead SOT-23 package. 1. **Vout:** Output of the amplifier. 2. **V-:** Negative supply voltage. 3. **+In:** Non-inverting input. 4. **-In:** Inverting input. 5. **V+:** Positive supply voltage. --- ### 4. Typical Applications * **Video Distribution:** Driving professional video lines (NTSC, PAL, SECAM). * **Pulse Amplifiers:** Used in high-speed pulse detection and medical imaging (Ultrasound). * **ADC Buffering:** Acting as a buffer for high-speed Analog-to-Digital Converters to ensure signal integrity. * **Communication Base Stations:** Handling high-frequency IF (Intermediate Frequency) signals. --- ### 5. Part Number Breakdown: AD8009JRT-R2 * **AD8009:** The base model number. * **J:** Performance/Temperature grade (Commercial). * **RT:** Package code for SOT-23. * **R2:** Shipping/Tape & Reel designation (typically indicates a 7-inch reel with 250 units).
    ✨ Follow-up Questions
    • ⤷ What are the layout requirements for achieving the 1 GHz bandwidth with this part?
    • ⤷ How does the power consumption of the AD8009 compare to voltage feedback amplifiers?
    • ⤷ What is the difference between the 'J' and 'A' grade versions of this chip?