Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8029AKS-R2

  • AI
    ## Overview of AD8029AKS-R2 The **AD8029AKS-R2** is a high-speed, rail-to-rail input and output amplifier manufactured by Analog Devices. It is designed for low power consumption while maintaining a high bandwidth, making it ideal for battery-operated portable electronics and signal processing. --- ### Technical Specifications | Parameter | Value | | :--- | :--- | | **Type** | High-Speed Operational Amplifier (Op-Amp) | | **Number of Channels** | 1 (Single) | | **Gain Bandwidth Product** | 125 MHz | | **Slew Rate** | 63 V/µs | | **Supply Voltage Range** | 2.7V to 12V | | **Supply Current** | 1.3 mA per amplifier | | **Output Type** | Rail-to-Rail | | **Package Type** | SC-70-6 (KS-6) | --- ### Key Features * **Low Power Consumption:** Operates at only 1.3 mA per amplifier, which is significantly low for a high-speed device. * **Rail-to-Rail Performance:** Both inputs and outputs can swing to the supply rails, maximizing dynamic range on low-voltage supplies. * **High Speed:** Despite the low power draw, it offers a 125 MHz bandwidth, suitable for video and data communication. * **Voltage Range:** Versatile supply range allows it to function on standard 3V, 5V, or ±5V rails. --- ### Common Applications 1. **Portable Instrumentation:** Due to the small SC-70 footprint and low power usage. 2. **Battery Powered Systems:** Extends battery life in handheld devices. 3. **Video Buffering:** Used in driving video signals where space is a constraint. 4. **Active Filters:** High-speed filtering in signal chains. 5. **A/D Driver:** Serving as a buffer for Analog-to-Digital Converters. --- ### Package and Pin Configuration The **SC-70-6** package is extremely small, measuring roughly 2mm x 1.25mm. ```text Pinout for AD8029 (SC-70): 1. VOUT (Output) 2. V- (Negative Supply) 3. +IN (Non-inverting Input) 4. -IN (Inverting Input) 5. DISABLE (Power down/Disable pin) 6. V+ (Positive Supply) ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD8029 and the AD8030 series?
    • ⤷ How does the 'DISABLE' pin function to reduce power consumption?
    • ⤷ What is the thermal resistance rating for the SC-70-6 package?