Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8045ACPZ-R2

  • AI
    The **AD8045ACPZ-R2** is a high-speed, unity-gain stable voltage feedback amplifier manufactured by Analog Devices. It is specifically designed for applications requiring high bandwidth and low distortion. --- ### ## Technical Specifications Below are the key electrical characteristics of the AD8045: | Parameter | Specification | | :--- | :--- | | **Bandwidth (-3 dB)** | 1 GHz (G = +1) | | **Slew Rate** | 1350 V/μs | | **Supply Voltage Range** | 3.3 V to 12 V | | **Output Current** | 70 mA | | **Input Bias Current** | 2 μA (typical) | | **Settling Time (0.1%)** | 7.5 ns | | **Harmonic Distortion** | -101 dBc @ 5 MHz | --- ### ## Key Features * **Low Noise:** It features a very low input voltage noise of **3 nV/√Hz**, making it suitable for precision high-speed signal chains. * **Low Power Consumption:** Despite its high speed, it operates with a quiescent current of approximately **16 mA**. * **Unity-Gain Stability:** It remains stable even when configured for a gain of 1, which is often a challenge for ultra-high-speed amplifiers. * **LFCSP Package:** The "ACPZ" suffix indicates a Lead Frame Chip Scale Package, which provides excellent thermal dissipation and low parasitic inductance. --- ### ## Pin Configuration & Part Number Breakdown The **AD8045ACPZ-R2** nomenclature can be decoded as follows: * **AD8045:** The base model number. * **ACPZ:** Indicates the package type (Lead Frame Chip Scale Package) and RoHS compliance (Z). * **R2:** Specifies the reel size for automated assembly (typically a 7-inch reel with 250 units). ### ### Common Applications 1. **ADC Drivers:** Buffering high-speed Analog-to-Digital Converters to ensure signal integrity. 2. **Video Electronics:** Handling high-resolution video signals and professional cameras. 3. **Optical Networking:** Used in transimpedance amplification stages. 4. **Instrumentation:** High-speed pulse amplification in medical and laboratory equipment. --- ### ## Implementation Example (Basic Buffer) To use the AD8045 as a non-inverting buffer, the schematic logic follows this structure: ```spice * Simple Non-Inverting Configuration V+ Pin6 (Positive Supply +5V) V- Pin3 (Negative Supply -5V or GND) In Pin1 (Non-Inverting Input) Out Pin4 (Output) FB Pin2 (Inverting Input connected to Pin4 for G=1) ```
    ✨ Follow-up Questions
    • ⤷ What are the thermal considerations for the LFCSP package in high-speed designs?
    • ⤷ How does the AD8045 compare to the AD8099 in terms of noise performance?
    • ⤷ Can the AD8045 be used with a single-supply voltage?