Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8061ART-R2

  • AI
    ## Overview of the AD8061ART-R2 The **AD8061ART-R2** is a high-speed, rail-to-rail output operational amplifier (op-amp) manufactured by **Analog Devices**. It is designed to offer high performance at a low cost, making it ideal for high-volume consumer applications like video imaging and buffering. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Bandwidth (-3 dB)** | 300 MHz | | **Slew Rate** | 650 V/µs | | **Output Type** | Rail-to-Rail | | **Settling Time** | 35 ns to 0.1% | | **Supply Voltage Range** | 2.7V to 8V (Single or Dual) | | **Quiescent Current** | 6.8 mA per amplifier | | **Input Bias Current** | 3.5 µA | --- ### 2. Physical Packaging and Part Suffixes The suffix **ART-R2** provides specific information regarding its physical attributes: * **ART**: Refers to the **SOT-23-5** package (5-lead Small Outline Transistor). This is a very small surface-mount package suitable for space-constrained designs. * **R2**: Refers to the packaging method—specifically **Tape and Reel** (usually a 7-inch reel containing a specific quantity, in this case, 250 units). --- ### 3. Core Electronic Features #### A. High Speed & Wide Bandwidth With a **300 MHz bandwidth** and a **650 V/µs slew rate**, this part can handle rapidly changing signals without significant distortion. This makes it suitable for driving video signals or high-speed analog-to-digital converters (ADCs). #### B. Rail-to-Rail Output The "Rail-to-Rail" designation means the output voltage can swing very close to the positive and negative supply voltages. This maximizes the **dynamic range** of the signal, which is critical when working with low-voltage power supplies (like 3V or 5V). #### C. Power Management The AD8061 is optimized for low power consumption while maintaining high speed. It features a "Power-Down" mode (on certain versions) to conserve energy when the amplifier is not in use. --- ### 4. Common Applications * **Video Buffering:** Driving standard definition and high-definition video signals. * **Photodiode Preamps:** Converting light signals to voltage in optical sensors. * **Active Filters:** High-order filters in communications equipment. * **ADC Drivers:** Acting as a buffer between a sensor and an Analog-to-Digital converter to ensure signal integrity. --- ### 5. Equivalent/Related Parts * **AD8062:** Dual version of the AD8061. * **AD8063:** Single version with a disable/power-down pin.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the SOT-23-5 package of the AD8061?
    • ⤷ How does the AD8061 perform in terms of total harmonic distortion (THD) for video signals?
    • ⤷ Can the AD8061 be used in a split-supply configuration
    • ⤷ and what are the limits?