Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8062ARMZ-R7

  • AI
    ## Technical Overview of the AD8062ARMZ-R7 The **AD8062ARMZ-R7** is a high-speed, dual-channel, rail-to-rail output voltage feedback amplifier. Developed by Analog Devices, it belongs to the FastFET™ family, utilizing a proprietary junction field-effect transistor (JFET) input stage. ### 1. Key Specifications and Features | Parameter | Specification | | :--- | :--- | | **Type** | Operational Amplifier (Op-Amp) | | **Number of Channels** | 2 (Dual) | | **Bandwidth (-3dB)** | 300 MHz | | **Slew Rate** | 650 V/µs | | **Input Bias Current** | 1 pA (Typical) | | **Supply Voltage Range** | 2.7 V to 8 V (Single) / ±1.35 V to ±4 V (Dual) | | **Output Type** | Rail-to-Rail | | **Package / Case** | 8-MSOP (ARMZ suffix) | --- ### 2. Core Advantages * **High Speed:** With a 300 MHz bandwidth and 650 V/µs slew rate, it is ideal for pulse processing and high-speed signal conditioning. * **FET Input:** The JFET input stage provides exceptionally low input bias current ($1\text{ pA}$), making it suitable for photodiode preamps or high-impedance sensors. * **Low Distortion:** It maintains excellent signal integrity, which is critical for driving high-speed Analog-to-Digital Converters (ADCs). * **Small Footprint:** The "ARMZ" designation refers to the MSOP-8 package, which is significantly smaller than standard SOIC-8 packages, saving PCB space. --- ### 3. Part Number Breakdown The suffix code **AD8062ARMZ-R7** can be decoded as follows: 1. **AD8062**: The base model (Dual version of the AD8061 family). 2. **A**: Performance grade/temperature range ($-40^\circ\text{C}$ to $+85^\circ\text{C}$). 3. **RM**: Package type (MSOP). 4. **Z**: RoHS compliant / Lead-free. 5. **R7**: Packaging format (7-inch Reel, typically containing 1,000 units). --- ### 4. Typical Applications * **Photodiode Preamps:** Utilizing the low bias current for precision light sensing. * **Video Electronics:** Driving professional video signals due to high bandwidth. * **Filters:** Active high-speed filters (Low-pass, High-pass). * **ADC Drivers:** Buffering signals for high-speed data acquisition systems. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the AD8062 and the AD8061?
    • ⤷ How does the settling time of this Op-Amp compare to standard precision amplifiers?
    • ⤷ What are the power consumption considerations when running at maximum bandwidth?