Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8120ACPZ-R2

  • AI
    ## AD8120ACPZ-R2 Technical Overview The **AD8120ACPZ-R2** is a specialized integrated circuit designed primarily as a **Triple Skew-Compensating Video Delay Line**. It is manufactured by Analog Devices and is commonly used in high-definition video signal processing where timing synchronization across multiple channels is critical. --- ### Core Specifications | Feature | Specification | | :--- | :--- | | **Function** | Triple, skew-compensating delay line | | **Bandwidth** | 200 MHz (-3 dB) | | **Delay Range** | 0 ns to 50 ns (per channel) | | **Resolution** | 0.8 ns steps (approx.) | | **Power Supply** | +5V (Single or Dual Supply options) | | **Package** | 32-Lead LFCSP (5mm x 5mm) | | **Interface** | I2C Compatible Serial Control | --- ### Key Electronic Components & Internal Architecture The AD8120 is more than just a simple delay buffer; it contains several sophisticated internal blocks: 1. **Triple Delay Channels:** It features three independent channels (usually for RGB or YPbPr video signals). Each channel can be adjusted to compensate for propagation delays caused by different cable lengths or circuit traces. 2. **Digitally Controlled Delay Line (DCDL):** The core mechanism utilizes a series of logic gates and capacitive loads controlled by an internal register. By toggling these through the I2C interface, the user can "slow down" the signal in discrete increments. 3. **Low-Pass Filtering:** The device includes integrated filtering to maintain signal integrity and reduce high-frequency noise that might be introduced during the delay process. 4. **Common-Mode Management:** It is designed to handle differential signals, making it ideal for driving or receiving signals over Twisted Pair (UTP) cables (like Cat5/Cat6). --- ### Common Applications * **KVM (Keyboard, Video, Mouse) Extenders:** Correcting color "skew" over long Ethernet cables. * **Video Walls:** Ensuring synchronous frame delivery across multiple displays. * **RGB Delay Compensation:** Aligning Red, Green, and Blue signals that have arrived at different times due to cable physics. * **Broadcasting Equipment:** Precision timing in analog signal paths. --- ### Package & Mounting (ACPZ-R2) * **ACPZ:** Indicates the Lead Frame Chip Scale Package (LFCSP), which is a surface-mount package with an exposed pad for thermal management. * **R2:** This suffix typically refers to the tape and reel size (e.g., a 7-inch reel containing 250 units), used for automated pick-and-place assembly. ---
    ✨ Follow-up Questions
    • ⤷How does the I2C interface specifically control the delay increments in this chip?
    • ⤷ What are the thermal considerations for the 32-Lead LFCSP package in high-speed applications?
    • ⤷ Can the AD8120 be used for digital signals
    • ⤷ or is it strictly for analog video?