Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8132WARMZ-R71

  • AI
    The **AD8132WARMZ-R7** is a high-speed differential amplifier manufactured by Analog Devices. It is specifically designed to drive 10-bit to 12-bit Analog-to-Digital Converters (ADCs) and to transmit signals over twisted-pair cables. --- ### ## Technical Specifications The following table summarizes the key electrical characteristics of the AD8132 series: | Parameter | Specification | | :--- | :--- | | **Type** | Differential Amplifier | | **Bandwidth (-3 dB)** | 350 MHz | | **Slew Rate** | 1200 V/µs | | **Settling Time** | 9.5 ns to 0.1% | | **Voltage Supply Range** | 2.7V to 11V (Single or Dual) | | **Operating Temperature** | -40°C to +125°C | | **Package / Case** | 8-MSOP (8-uMAX) | --- ### ### Key Features and Internal Architecture 1. **Low Power Consumption:** It draws only 10.7 mA on a 5V supply, making it suitable for battery-powered high-speed systems. 2. **Internal Feedback Structure:** Unlike standard op-amps, the AD8132 uses a unique internal feedback loop that provides balanced output signals, which are critical for noise rejection. 3. **VOCM Pin (Common-Mode Control):** This pin allows the user to set the output common-mode voltage independently of the input. This is vital when interfacing with ADCs that require a specific bias voltage. 4. **Automotive Grade:** The "W" in the part number indicates it is qualified for automotive applications (AEC-Q100), ensuring high reliability in harsh environments. --- ### ### Common Applications * **ADC Driving:** Converting single-ended signals to differential signals for high-speed ADCs. * **Differential Line Drivers:** Sending video or high-speed data over Cat5 or twisted-pair cables. * **Signal Level Shifting:** Adjusting signal offsets to match the input requirements of subsequent stages. * **Active Filtering:** Implementing high-speed differential filters. --- ### ### Pin Configuration (8-MSOP) ```text _______ -IN |1 8| +IN VOCM |2 7| V+ V- |3 6| +OUT -OUT |4_____5| NC (or Feedback) ``` ---
    ✨ Follow-up Questions
    • ⤷What are the main differences between the AD8132 and the AD8138?
    • ⤷ How do you calculate the gain for a differential amplifier configuration?
    • ⤷ What is the significance of the AEC-Q100 qualification for this specific part?