Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8133ACPZ-R2

  • AI
    ## Technical Overview of the AD8133ACPZ-R2 The **AD8133ACPZ-R2** is a high-speed, triple differential driver designed by Analog Devices. It is specifically engineered for transmitting high-resolution video signals over twisted-pair cables (like Cat-5). --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Channels** | Triple (3 Independent Drivers) | | **Bandwidth (-3 dB)** | 450 MHz | | **Slew Rate** | 1600 V/µs | | **Settling Time** | 10 ns (to 0.1%) | | **Supply Voltage Range** | 4.5V to 12V (Single or Dual) | | **Package Type** | 24-Lead LFCSP (4mm x 4mm) | --- ### 2. Functional Characteristics The AD8133 is a **Differential Output Amplifier**. Unlike standard operational amplifiers that have one output, this device produces two outputs (inverted and non-inverted) to provide a balanced signal. #### Core Features: * **Differential Input/Output:** Ideal for reducing electromagnetic interference (EMI) and improving noise immunity. * **Fixed Gain:** It has an internal fixed gain of 2, simplifying circuit design as external gain-setting resistors are not required. * **Common-Mode Control:** It features a specific pin (`VOCM`) that allows the user to set the output common-mode voltage independently of the differential voltage. * **Internal Feedback:** The internal feedback network ensures excellent gain matching and minimizes harmonic distortion. --- ### 3. Application Use Cases This component is widely used in professional video and signal processing environments: 1. **KVM (Keyboard-Video-Mouse) Extenders:** Sending VGA/RGB signals over long distances via Ethernet cables. 2. **Differential Signal Drivers:** Converting single-ended signals to differential for high-speed ADC inputs. 3. **Video Distribution:** Driving high-resolution video (component, RGB) across low-cost twisted-pair wiring. --- ### 4. Typical Connection Diagram (Pseudo-Code Representation) To implement this in a circuit, the basic pin mapping follows this logic: ```c // Simplified Pin Connection Logic Pin 1 (VIP1) -> Positive Input (Channel 1) Pin 2 (VIN1) -> Negative Input (Channel 1) Pin 24 (VOP1) -> Positive Output (Channel 1) Pin 23 (VON1) -> Negative Output (Channel 1) Pin 10 (VOCM) -> Set Reference Voltage (typically 2.5V or Mid-supply) Pin 13 (EN) -> Enable/Disable Logic (Active Low/High) ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the advantages of using the AD8133 over a standard op-amp for video transmission?
    • ⤷ How does the VOCM pin influence the output signal in this specific IC?
    • ⤷ What is the power consumption profile for the AD8133 in high-speed applications?