Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8137WYCPZ-R7

  • AI
    ## Overview of the AD8137WYCPZ-R7 The **AD8137WYCPZ-R7** is a low-cost, low-power, differential amplifier designed by Analog Devices. It is specifically engineered to drive high-performance ADCs (Analog-to-Digital Converters) while maintaining high speed and signal integrity. The "W" in the part number signifies that it is **Automotive Qualified**, making it suitable for high-reliability environments. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Architecture** | Differential Amplifier (Rail-to-Rail Output) | | **Bandwidth (-3 dB)** | 110 MHz | | **Slew Rate** | 450 V/µs | | **Supply Voltage Range** | 2.7 V to 12 V (Single or Dual Supply) | | **Supply Current** | 3.2 mA (Low Power) | | **Package Type** | LFCSP-8 (3mm x 3mm) | | **Operating Temperature** | -40°C to +125°C (Automotive Grade) | --- ### Key Features and Internal Components 1. **Fully Differential Architecture**: It converts single-ended signals to differential signals or processes differential signals directly. This is crucial for reducing noise and even-order harmonics. 2. **Vocm Pin (Output Common-Mode Control)**: This pin allows the user to set the output common-mode voltage independently of the input signal. This is vital for level-shifting signals to match the input range of an ADC. 3. **Rail-to-Rail Output**: This ensures the maximum dynamic range is utilized, especially when working with low-voltage power supplies (e.g., 3.3V or 5V). 4. **High Slew Rate**: At 450 V/µs, the part can handle fast transitions and high-frequency signals without distortion. --- ### Application Circuit Example When using the AD8137, designers typically use a four-resistor feedback network to set the gain. ```c // Calculation for Gain (G) G = Rf / Rg Where: Rf = Feedback Resistor Rg = Gain Resistor ``` --- ### Common Use Cases * **ADC Driving**: Perfect for driving 12-bit to 16-bit ADCs in automotive sensors. * **Single-Ended to Differential Conversion**: Ideal for signal conditioning where the sensor is single-ended but the processor requires differential input. * **Active Filtering**: Can be used in differential filter topologies to remove high-frequency noise. * **Automotive Systems**: Used in LiDAR, Radar, and Infotainment systems due to its AEC-Q100 qualification. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the 'W' and 'non-W' versions of this chip?
    • ⤷ How do I calculate the power dissipation for the LFCSP-8 package?
    • ⤷ Can this amplifier be used with a single 3.3V supply?