Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AD8139ACP-R2

  • AI
    The **AD8139ACP-R2** is an ultra-low noise, high-performance differential amplifier manufactured by Analog Devices. It is specifically designed to drive high-resolution 18-bit Analog-to-Digital Converters (ADCs) with extreme precision. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the AD8139: | Feature | Specification | | :--- | :--- | | **Type** | Fully Differential Amplifier (FDA) | | **Bandwidth (-3 dB)** | 410 MHz (G = 1) | | **Slew Rate** | 800 V/µs | | **Voltage Noise** | 2.1 nV/√Hz | | **Harmonic Distortion** | -115 dBc @ 2 MHz | | **Operating Voltage** | 4.5 V to 12 V (Single or Dual Supply) | | **Package Type** | LFCSP-8 (3mm x 3mm) | --- ### 2. Functional Description The AD8139 operates differently than a standard operational amplifier. It features two outputs (Positive and Negative) and a feedback loop that forces the outputs to be balanced. #### Core Components: * **Differential Input/Output:** It converts single-ended signals to differential signals or amplifies differential signals directly. * **VOCM Pin (Common-Mode Control):** This allows the user to set the output common-mode voltage independently of the input. This is critical for matching the input range of modern ADCs. * **Internal Feedback:** It uses a unique internal architecture to maintain high gain accuracy and low phase error. --- ### 3. Application Use Cases Due to its high speed and low noise, the AD8139 is typically found in: 1. **ADC Drivers:** Driving high-speed 16-bit and 18-bit SAR or Pipeline ADCs. 2. **Differential Instrumentation:** Converting precision sensor data for digital processing. 3. **Video Processing:** Handling high-fidelity differential video signals. 4. **Active Filters:** Designing high-order differential low-pass or band-pass filters. --- ### 4. Part Number Breakdown (AD8139ACP-R2) Understanding the suffix helps in sourcing and production planning: * **AD8139:** Base model number. * **ACP:** Indicates the package style (LFCSP - Lead Frame Chip Scale Package). * **R2:** Indicates the reel size/packaging quantity (typically a 7-inch reel containing 250 units for small-scale production). --- ### 5. Implementation Example When using the AD8139, external resistors ($R_f$ and $R_g$) are used to set the gain, similar to an inverting op-amp configuration but mirrored for both outputs. ```text Formula for Gain: Gain = Rf / Rg Where: Rf = Feedback Resistor Rg = Gain Resistor ```
    ✨ Follow-up Questions
    • ⤷ How does the VOCM pin help in interfacing with an ADC?
    • ⤷ What are the power consumption characteristics of the AD8139?
    • ⤷ Can the AD8139 be used with a single 5V power supply?